Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC6.0 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SAC6.0
Description  Low Capacitance TransZorbTM TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SAC6.0 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SAC6.0 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SAC6.0 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stand-off Voltage - 5.0 to 50 Volts
Peak Pulse Power - 500 Watts
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junctions
500W peak pulse power capability with a 10/1000
µs
waveform, repetition rate (duty cycle): 0.01%
Excellent clamping
capability
Low incremental surge resistance
Fast response time: typically less
than 1.0ns from 0 Volts to V(BR)
Ideal for data line applications
High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
Case: JEDEC DO-204AC molded plastic over a passivated
junction
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a
10/1000
µs waveform (NOTE 1 )
PPPM
Minimum 500
Watts
Steady state power dissipation at TL=75°C with
lead lengths or 0.375" (9.5mm)
PM(AV)
3.0
Watts
Peak pulse power surge current with a
10/1000
µs waveform (NOTE 1, FIG. 3)
IPPM
SEE TABLE 1
Amps
Operating junction and
storage temperature range
TJ, TSTG
-55 to +175
°C
NOTES:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
Diode
Transient
Voltage
Suppressor
SAC5.0-SAC50
Low Capacitance TransZorbTM TVS
DO-15
Dimensions in inches and (millimeters)
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SAC6.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC6.0 EIC-SAC6.0 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Micro Commercial Compon...
SAC6.0 MCC-SAC6.0 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC6.0 NJSEMI-SAC6.0 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SAC6.0 WEITRON-SAC6.0 Datasheet
101Kb / 3P
   Low Capacitance Tranient Voltage Suppressor
logo
Ruilongyuan Electronics...
SAC6.0 RUILON-SAC6.0 Datasheet
685Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SAC6.0

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com