Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SL12
Description  TVS Array Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SL12 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SL12 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SL12 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION (300 watt)
This 3 pin ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE
SUPPRESSOR is designed for use in applications where protection is
required at the board level from voltage transients caused by
electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical
fast transients (EFT) per IEC 1000-4-4.
This product provides unidirectional protection for 1 line by connecting
the Input/Output line to pin 1, pin 2 to common or ground and pin 3 (is
not connected). The SL03 thru SL24 product provides board level
protection from static electricity and other induced-voltage surges that
can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such
as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24 Volts. Because of the
physical size, weight and protection capabilities, this product is ideal for use in but not limited to
miniaturized electronic equipment such as hand held instruments, computers, computer peripherals and
cell phones.
FEATURES
Protects 3.0/3.3 up through 24V Components
Protects 1 Unidirectional line
Provides electrically isolated protection
SOT-23 Packaging
MAXIMUM RATINGS
Operating Temperatures: -55
ºC to +150ºC
Storage Temperature: -55
ºC to +150ºC
SL03 thru SL24 have a Peak Pulse Power: 300 Watts
(8/20
µsec, Figure 1)
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS @ 25
º
C Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/ºC
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
MAX
MAX
SL03
L03
3.3
4
8
11
200
5
-5
SL05
L05
5.0
6.0
9.8
11
100
5
3
SL12
L12
12.0
13.3
19
26
1
5
10
SL15
L15
15.0
16.7
25
32
1
5
13
SL24
L24
24.0
26.7
44
57
1
5
30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
PACKAGING
Tape & Reel EIA Standard 481
7 inch reel 5,000 pieces
13 inch reel 10,000 pieces
MECHANICAL
Molded SOT-23 Surface Mount
Weight: .014 grams (approximate)
Body Marked with device number
SL03-SL24
TVS Array Series
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SL12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
GOOD-ARK Electronics
SL12 GOOD-ARK-SL12 Datasheet
187Kb / 2P
   Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12 Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
More results

Similar Description - SL12

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMDA03C-G SENSITRON-SMDA03C-G Datasheet
103Kb / 3P
   TVS ARRAY SERIES
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
   TVS ARRAY
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com