Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGM50-200B-12L Datasheet(PDF) 10 Page - NEC

Part # TGM50-200B-12L
Description  Piezoelectric Ceramics
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

TGM50-200B-12L Datasheet(HTML) 10 Page - NEC

Back Button TGM50-200B-12L Datasheet HTML 6Page - NEC TGM50-200B-12L Datasheet HTML 7Page - NEC TGM50-200B-12L Datasheet HTML 8Page - NEC TGM50-200B-12L Datasheet HTML 9Page - NEC TGM50-200B-12L Datasheet HTML 10Page - NEC TGM50-200B-12L Datasheet HTML 11Page - NEC TGM50-200B-12L Datasheet HTML 12Page - NEC TGM50-200B-12L Datasheet HTML 13Page - NEC TGM50-200B-12L Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
2010.03.19 9307PIEVOL04E
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
10 Piezoelectric Ceramics Vol.04
Table 1-1. Characteristics of Standard NEPEC
®
NPM Materials
Loss factor
Characteristics
Relative
dielectric
constant
Frequency
constant
Electro-
mechanical
coupling
constant
Elastic
constant
Piezo-
electric
constant
Poisson's ratio
Temperature
coefficient
Aging rate
Mechanical
quality factor
Curie
temperature
Density
Thermal
expansion
coefficient
1400
1350
0.3
2160
1600
1510
1960
970
(0.65)
0.55
0.34
0.68
0.55
0.71
12.7
15.4
7.9
6.5
-133
302
419
-10.4
23.5
45.1
0.32
300
300
1800
2300
0.4
-2
1500
325
7.77
30
1400
1300
0.3
2160
1570
1490
2010
1170
(0.67)
0.56
0.33
0.67
0.52
0.66
13.1
15.6
7.6
6.4
-132
296
464
-10.7
23.8
39.4
0.31
600
400
700
3000
0.4
-2
1800
315
7.79
12
1100
1400
0.4
2240
1670
1520
2000
920
(0.67)
0.56
0.34
0.67
0.52
0.78
11.2
15.2
8.9
6.6
-99
226
652
-13.1
30.0
44.4
0.24
-250
-550
3700
3600
0.5
-5
1600
320
7.72
11
5440
5000
2.0
2040
1410
1370
1800
1110
(0.57)
0.50
0.34
0.68
0.62
0.66
14.8
18.1
6.8
5.5
-287
635
930
-6.0
13.2
21.0
0.34
200
900
3800
3500
0.5
-5
70
145
8.00
14
1800
2000
2.0
1960
1410
1310
1940
860
(0.78)
0.62
0.38
0.73
0.52
0.77
16.5
19.9
6.1
5.0
-198
417
711
-12.1
25.4
41.0
0.34
-300
-150
3500
3000
0.1
-5
75
330
7.82
29
Material
Unit
δ
Qm
Tc (˚C)
N-6
N-61
N-8
N-10
N-21
εT
33 /
ε
0
tan
δ (%)
[Radial]
[Lengthwise]
[Longitudinal]
[Thickness]
[Shear]
[Radial]
[Transverse]
[Logitudinal]
[Thickness]
[Shear]
Kr
K31
K33
Kt
K15
N1
N2
N3
N4
N5
(Hz-m)
(Hz-m)
(Hz-m)
(Hz-m)
(Hz-m)
S
E
11
(
× 10-12m2/N)
S
E
33
(
× 10-12m2/N)
Y
E
11
(
× 1010N/m2)
Y
E
33
(
× 1010N/m2)
d31 (
× 10-12m/V)
d33 (
× 10-12m/V)
d15 (
× 10-12m/V)
g31 (
× 10-3Vm/N)
g33 (
× 10-3Vm/N)
g15 (
× 10-3Vm/N)
TK (fr)
(PPm/˚C)
TK (˚C)
(PPm/˚C)
- 20~20
°C
20~60
°C
- 20~20
°C
20~60
°C
fr (%/10 Years)
C (%/10 Years)
D (
× 103kg/m3)
(
× 10-7/˚C)
(Room Temperature
~200
°C)
εT11/ε
0


Similar Part No. - TGM50-200B-12L

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TGM5 TRANSKO-TGM5 Datasheet
583Kb / 2P
   CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.0: Jan. 2016
More results

Similar Description - TGM50-200B-12L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
7BB-27-4L0 MURATA1-7BB-27-4L0_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2CL0 MURATA1-7BB-41-2CL0_V01 Datasheet
200Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2 MURATA1-7BB-41-2_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2C MURATA1-7BB-41-2C_V01 Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
logo
Amphenol Wilcoxon Sensi...
F7-1 WILCOXON-F7-1 Datasheet
202Kb / 1P
   Piezoelectric shaker
Rev.G 10/21
logo
CUI Devices
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Murata Manufacturing Co...
7BB-12-9 MURATA-7BB-12-9 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
7BB-35-3 MURATA-7BB-35-3_17 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com