Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC26 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SAC26
Description  Low Capacitance TransZorbTM TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SAC26 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SAC26 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SAC26 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
100
150
0
25
50
75
100
0
1.0
2.0
3.0
4.0
0
100
150
50
0.1
µs
1.0
µs
10
µs
100
µs
1.0ms
10ms
0.1
1.0
10
100
RATINGS AND CHARACTERISTIC CURVES SAC5.0 THRU SAC50 SERIES
TL, LEAD TEMPERATURE, °C
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the
PEAK CURRENT DECAYS
to 50% of IPP
tr=10
µsec.
HALF VALUE - IPP
2
10/1000
µsec.
WAVEFORM
AS DEFINED BY R.E.A.
PEAK VALUE
IPPM
FIG. 2 - POWER DERATING CURVE
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25°C
IMPULSE
EXPONENTIAL
DECAY
HALF SINE
SQUARE
CURRENT WAVEFORMS
1.0
0.5
td
td
td
td
AVERAGE POWER
PEAK POWER
(SINGLE PULSE)
Minimum
Maximum
Maximum
Maximum
Maximum
Working
Inverse
Peak
Stand-off
Breakdown
Reverse
Clamping
Peak Pulse
Junction
Inverse
Blocking
Inverse
Voltage
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Leakage
Blocking
(NOTE 1)
at IT = 1.0mA
at VWM
at IPP=5.0A
per FIG. 3
at
Voltage
Current
Voltage
Part
VWM
V(BR)
ID
Vc
lPP
0 VOLTS
VWIB
at VWIB
VPIB
Number
(VOLTS)
(VOLTS)
(uA)
(VOLTS)
(AMPS)
(pF)
(VOLTS)
IIB (mA)
(VOLTS)
SAC5.0
5.0
7.60
300
10.0
44
50
75
1.0
100
SAC6.0
6.0
7.90
300
11.2
41
50
75
1.0
100
SAC7.0
7.0
8.33
300
12.6
38
50
75
1.0
100
SAC8.0
8.0
8.89
100
13.4
36
50
75
1.0
100
SAC8.5
8.5
9.44
50
14.0
34
50
75
1.0
100
SAC10
10
11.10
5.0
16.3
29
50
75
1.0
100
SAC12
12
13.30
5.0
19.0
25
50
75
1.0
100
SAC15
15
16.70
5.0
23.6
20
50
75
1.0
100
SAC18
18
20.00
5.0
28.8
15
50
75
1.0
100
SAC22
22
24.40
5.0
35.4
14
50
75
1.0
100
SAC26
26
28.90
5.0
42.3
11.1
50
75
1.0
100
SAC30
30
33.30
5.0
48.6
10.0
50
75
1.0
100
SAC36
36
40.00
5.0
60.0
8.6
50
75
1.0
100
SAC45
45
50.00
5.0
77.0
6.8
50
150
1.0
200
SAC50
50
55.50
5.0
88.0
5.8
50
150
1.0
200
ELECTRICAL CHARACTERISTICS at (TA=25°C unless otherwise noted) TABLE 1
FIG. 4 - AC LINE PROTECTION APPLICATION
APPLICATION NOTE: Device must be used with two units in parallel, opposite in
polarity as shown in circuit for AC signal line protection
LOW CAPACITANCE
TRANSIENT VOLTAGE
SUPPRESSOR
SAC5.0-SAC50
Low Capacitance TransZorbTM TVS


Similar Part No. - SAC26

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC26 EIC-SAC26 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC26 MERITEK-SAC26 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC26 SPSEMI-SAC26 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC26 MICROSEMI-SAC26 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC26 MCC-SAC26 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC26

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com