Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMV22 Datasheet(PDF) 2 Page - 3M Electronics

Part # FMV22
Description  3M??Tamper-Evident Label Materials
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMV22 Datasheet(HTML) 2 Page - 3M Electronics

  FMV22 Datasheet HTML 1Page - 3M Electronics FMV22 Datasheet HTML 2Page - 3M Electronics FMV22 Datasheet HTML 3Page - 3M Electronics FMV22 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Peace of mind you can
readily see and demonstrate
3MTamper-Evident Label 7613T fractures
bit by bit to deter attempts at removal.
3MTamper-Evident Label
FMV01202 leaves a silver
telltale pattern when removed.
Protect what you sell and what you own
3MTamper-Evident Labels stay on guard
letting you or your customers know about
unwanted access, opening, or tampering,
and telling others to keep hands off.
• Discourage theft with ownership labels
that tell they’ve been removed or altered.
• Enforce non-transferable warranties with
security-seal warranty labels.
Typical Application Areas
• Automotive • Appliances
• Consumer • Electronics/Electrical
• Medical devices • Pharmaceuticals
• Warehousing • Software
• Wherever you want labels to stay on guard
Talk to a label expert
1-800-422-8116 • www.3M.com/converter
7613T
Destructible Vinyl
FMV02
Silver VOID Polyester
FMV01402
White Triangle
Polyester
76901 Permanent
Purple STOP
Polyethylene
76903 Removable
Purple STOP
Polyethylene
Get the message by removing each sample
• Help prevent fraud and counterfeiting
with irreplaceable labels and hard-to-
duplicate patterns that reveal when
labels have been removed.
• Seal corners, flaps, seams, and lids of
packages and products whenever it’s better
to know if they’ve been previously opened.
6
7


Similar Part No. - FMV22

ManufacturerPart #DatasheetDescription
logo
3M Electronics
FMV22 3M-FMV22 Datasheet
24Kb / 4P
   3M??Void Polyester Label Products
More results

Similar Description - FMV22

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7903 3M-7903 Datasheet
201Kb / 8P
   3M??Sheet Label Material 7903
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com