Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76901 Datasheet(PDF) 3 Page - 3M Electronics

Part # 76901
Description  3M??Tamper-Evident Label Materials
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

76901 Datasheet(HTML) 3 Page - 3M Electronics

  76901 Datasheet HTML 1Page - 3M Electronics 76901 Datasheet HTML 2Page - 3M Electronics 76901 Datasheet HTML 3Page - 3M Electronics 76901 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3MTamper-Evident Label
FMV02 flashes a bright
“VOID” alert when peeled off.
3MTamper-Evident Label
76901 clearly warns to
STOP when removing the
label. The warning remains
obvious if attempts are
made to replace it.
3MTamper-Evident Label Materials
Note: Technical information and data above should be considered representative only and should not be used for specification purposes.
Product
Description
Adhesive Caliper
Liner
Top Coat
Comments
Destructible
7613T
White vinyl
350
2.0
55# densified Kraft
Yes
Smooth, white, topcoated film for immediate destructibility on many surfaces; adhesive
permanently bonds to high and low surface energy plastics, textured and contoured
surfaces, powder coatings, and slightly oily metals; good UV resistance; UL/CSA recognized
FA102
White acetate
P1212
2.0
50# super
No
Film fractures upon removal; good for security seals; high speed die cutting liner;
calendared Kraft
FDA compliant for indirect food contact
7110
White paper
320
2.0
43# densified Kraft
No
Press printable and writable; adheres well to most high and low surface energy substrates;
survives autoclaving while adhered to most surfaces; excellent resistance to flagging on
small diameter vials and containers
FA112
Clear acetate
P1212
2.0
50# super
No
Film fractures upon removal; good for security seals; high speed die cutting liner; FDA
calendared Kraft
compliant for indirect food contact
Void
7381
White PET
300
2.3
55# densified Kraft
No
White "VOID" message when removed; compact image for small labels; adhesive bonds well
to a wide variety of high and low surface energy plastics, UL/CSA recognized
FMV22
White PET
P1410
2,0
50# super
Yes
White "VOID" message when removed; general purpose adhesive bonds to a variety of
calendared Kraft
substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat
printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect
food contact
FMV02
Silver PET
P1410
2.0
50# super
Yes
Silver "VOID" message when removed; general purpose adhesive bonds to a variety of
calendared Kraft
substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat
printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect
food contact
Triangle
FMV01402
White PET
P1410
2.0
50# super calendared
Yes
White triangle pattern when removed; general purpose adhesive bonds to a variety of
Kraft-Remoist
substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting
liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer
ribbons; FDA compliant for indirect food contact
FMV01202
Silver PET
P1410
2.0
50# super calendared
Yes
Silver triangle pattern when removed; general purpose adhesive bonds to a variety of
Kraft-Remoist
substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting
liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer
ribbons; FDA compliant for indirect food contact
Stop
76901
Purple
Acrylic
1.0
65g/m2 White
Yes
Designed for high security; high density printable polyethylene film; permanent adhesive
Polyethylene
densified Glassine
fractures a "STOP" message onto the substrate when removed making it impossible to
replace the label undetected; bonds to many substrates
76903
Purple
Acrylic
1.0
65g/m2 White
Yes
Designed for high security; high density printable polyethylene film; non-permanent
Polyethylene
densified Glassine
adhesive fractures a "STOP" message on the face of the label; leaves no adhesive residue
and makes it impossible to replace the label undetected; adhesive bonds to many substrates
8
9


Similar Part No. - 76901

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
7690 MOLEX-7690 Datasheet
69Kb / 2P
   KK Mini -2.50mm & 2.54mm Modular Interconnection System
logo
List of Unclassifed Man...
7690 ETC2-7690 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
Banner Engineering Corp...
76908 BANNER-76908 Datasheet
100Kb / 1P
   Antenna Kit BWA-ANTKIT-003
logo
Molex Electronics Ltd.
7690SC02H MOLEX3-7690SC02H Datasheet
167Kb / 4P
   2.54mm (.100") Pitch KK Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe
7690SC03H MOLEX3-7690SC03H Datasheet
167Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 3 Circuit
More results

Similar Description - 76901

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7903 3M-7903 Datasheet
201Kb / 8P
   3M??Sheet Label Material 7903
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com