Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-45C Datasheet(PDF) 35 Page - NEC

Part # D-45C
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-45C Datasheet(HTML) 35 Page - NEC

Back Button D-45C Datasheet HTML 31Page - NEC D-45C Datasheet HTML 32Page - NEC D-45C Datasheet HTML 33Page - NEC D-45C Datasheet HTML 34Page - NEC D-45C Datasheet HTML 35Page - NEC D-45C Datasheet HTML 36Page - NEC D-45C Datasheet HTML 37Page - NEC D-45C Datasheet HTML 38Page - NEC D-45C Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Power Line
SBP Series
[RoHS Compliant]
• Withstanding voltage: 200V DC for one minute between lines
• Insulation resistance: More than 10M
(100V DC, between lines)
• Tape and Reel Dimensions (see page 44)
• Precautions (see page43)
SBP-5001T
50
5.0
500
7
–25 to +70
Rated voltage
Rated current
Impedance
DC resistance
Operating
Model
(at 100MHz)
(m /line)
temperature range
DC (V)
DC (A)
( ) min.
max.
(˚C)
SBP Series
[RoHS Compliant]
1000
100
10
1
1
10
100
1000
Frequency (MHz)
8.2 max.
(4.5)
9.2 max.
34
2
1
4
3
2
1
Circuit Diagram
Shape and Dimensions
Impedance vs. Frequency
4.5
4.5
2.0
Recommended Land Pattern
[mm]
[mm]


Similar Part No. - D-45C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-4000 MACOM-D-4000 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
logo
PANDUIT CORP.
D-406-0001 PANDUIT-D-406-0001 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D-406-0001CS100 PANDUIT-D-406-0001CS100 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D-406-0002 PANDUIT-D-406-0002 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D-406-0003 PANDUIT-D-406-0003 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
More results

Similar Description - D-45C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com