Electronic Components Datasheet Search
Selected language     English  ▼


D-47C Datasheet(PDF) 11 Page - NEC

Part No. D-47C
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 11 page
background image
5.0
7.5
N1
N2
4
3
1
2
10.5 max.
7.5 max.
7.5±0.5
5.0±0.5
4-ø0.6
10.5max.
1
2
4
3
11
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Power Line
Circuit Diagram
Shape and Dimensions
SBT-03W Series
[RoHS Compliant]
SBT-0308W
50
3.0
6.75
20
–25 to +85
0.4
SBT-0310W
50
2.5
7.7
30
–25 to +80
0.35
Bulk (100 pcs.)
SBT-0315W
50
2.0
11.9
45
–25 to +75
0.3
Rated voltage
Rated current
Inductance
DC resistance
Operating
Wire size
Model
(100kHz, 1mA)
temperature range
Packaging
DC (V)
(A)
(µH) min.
(m ) max.
(˚C)
(mmø)
SBT-03W Series
[RoHS Compliant]
10000
1000
100
10
1
0308W
0310W
0315W
Frequency (MHz)
1
10
100
1000
Impedance vs. Frequency
[mm]
[mm]
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than 10M
(100VDC, between lines)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl