Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL206MRL Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSL206MRL
Description  New Products, Tips and Tools for Power and Mobile Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MRL Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSL206MRL Datasheet HTML 4Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 5Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 6Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 7Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 8Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 9Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 10Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 11Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-Voltage Blocking Capability
Without Sacrificing Performance
The challenge of improving energy efficiency with heat and thermal regulation, while
keepingcomponentcountlow,justbecameeasier.Fairchild’sFGAxxN65SMDseries
of 650V IGBTs for photovoltaic inverter applications addresses this need—
without sacrificing performance.
Fairchild’s Field Stop IGBT technology enables designers to develop a highly
reliable system design with higher input voltage while offering optimum
performance where low conduction and switching losses are essential.
This functionality means designs benefit from high current handling capability,
positive temperature coefficient, tight parameter distribution and a wide safe
operating area.
Advantages
• Positivetemperature
co-efficientforeasyparallel
operation
• High-currentcapability
enableshighpower
DC-ACconversion
• Maximumjunction
temperature:T
J=175ºC
• Lowsaturationvoltage:
V
CE(sat)=1.9V(typical)@
I
C=40A/60Aratedcurrent
• Fastswitchingspeed
allowsthesystemto
maintainhighefficiency
• Lowconductionand
switchingloss
• WideSOA(SafeOperating
Area)—allowsforhigher
powerdissipation
• Tightparameterdistribution
Applications
• SolarPVinverter
•Microconvertersystems
•Centralinvertersystems
•Microinvertersystems
• UPS,SMPS,welderand
PFCapplications
For more information, please visit:
fairchildsemi.com/pf/FG/FGA40N65SMD.html
fairchildsemi.com/pf/FG/FGA60N65SMD.html
fairchildsemi.com/applications/
solar-inverter/index.html
fairchildsemi.com/onlineseminars/
Q1
Q2
Q3
Grid
Q4
CEC (California Energy Commission) Weighted
Efficiency–Tested in PV Inverter System
Application Diagram of Central MPPT System
(Full-bridge Inverter)
650V iGBTs
40/60/80V PowerTrench® MOSFeTs
98.00
97.00
96.00
95.00
94.00
93.00
92.00
91.00
300
600
900
1500
2250
3000
40N65SMD
40N60SMD
Competitor A
Competitor B
P
OUT (Output Power) (W)
Product
Number
BV
CeS
(V)
i
C @
100°C
(A)
V
ce(sat)
Typ
@ 25°C,
15V (V)
e
OFF
Typ
@
25°C
(mJ)
P
D @
25°C
(W)
V
F Typ
@
25°C
(V)
t
rr Typ
@
25°C
(ns)
T
J
(max)
(°C)
Package
FGA40N65SMD
650
40
1.9
0.26
349
2.1@
20A
42 @
20A
175
TO-3PN
FGA60N65SMD
650
60
1.9
0.45
600
2.1@
30A
47 @
30A
175
TO-3PN


Similar Part No. - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL206MRL FAIRCHILD-FSL206MRL Datasheet
911Kb / 14P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL206MRL ONSEMI-FSL206MRL Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
FSL206MRLX ONSEMI-FSL206MRLX Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

Similar Description - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FDMA905P FAIRCHILD-FDMA905P Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com