Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-4BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4360-4BCP
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-4BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4360-4BCP Datasheet HTML 4Page - Analog Devices ADF4360-4BCP Datasheet HTML 5Page - Analog Devices ADF4360-4BCP Datasheet HTML 6Page - Analog Devices ADF4360-4BCP Datasheet HTML 7Page - Analog Devices ADF4360-4BCP Datasheet HTML 8Page - Analog Devices ADF4360-4BCP Datasheet HTML 9Page - Analog Devices ADF4360-4BCP Datasheet HTML 10Page - Analog Devices ADF4360-4BCP Datasheet HTML 11Page - Analog Devices ADF4360-4BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-4
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–160
–170
–140
–130
–120
–110
–100
–90
–80
–70
–40
–50
–60
–30
–20
–10
0
1k
10M
1M
100k
10k
FREQUENCY OFFSET (Hz)
4
3
2
1
Figure 4. Open-Loop VCO Phase Noise
–140
–145
–150
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
Figure 5. VCO Phase Noise, 1600 MHz, 200 kHz PFD, 10 kHz Loop Bandwidth
–140
–145
–150
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
Figure 6. VCO Phase Noise, 800 MHz,
Divide-by-2 Enabled, 200 kHz PFD, 10 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
1600MHz
1kHz
2kHz
–87.2dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 30Hz
VIDEO BANDWIDTH = 30Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
Figure 7. Close-In Phase Noise at 1600 MHz (200 kHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–200kHz
–100kHz
1600MHz
100kHz
200kHz
–74.3dBc
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 3kHz
VIDEO BANDWIDTH = 3kHz
SWEEP = 14 ms
AVERAGES = 100
Figure 8. Reference Spurs at 1600 MHz
(200 kHz Channel Spacing, 10 kHz Loop Bandwidth)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1MHz
–0.5MHz
1600MHz
0.5MHz
1MHz
–77.5dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 25kHz
RES. BANDWIDTH = 30kHz
VIDEO BANDWIDTH = 30kHz
SWEEP = 50 ms
AVERAGES = 100
Figure 9. Reference Spurs at 1600 MHz
(1 MHz Channel Spacing, 25 kHz Loop Bandwidth)


Similar Part No. - ADF4360-4BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-4BCP AD-ADF4360-4BCP Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-4BCPZ AD-ADF4360-4BCPZ Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4BCPZRL AD-ADF4360-4BCPZRL Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4BCPZRL7 AD-ADF4360-4BCPZRL7 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-4BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com