Electronic Components Datasheet Search |
|
VU-215F Datasheet(PDF) 8 Page - NEC |
|
VU-215F Datasheet(HTML) 8 Page - NEC |
8 / 51 page Noise Filters VOL.11 8 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 Casing Type Plastic box 100 110 90 80 70 60 50 40 30 20 10 0 Frequency (MHz) 0.1 0.5 1.0 5.0 10 20 30 Plastic Case Three-Phase Noise Filter LF-SF Series [RoHS Compliant] Plastic Case Three-Phase Noise Filter LF-SF Series [RoHS Compliant] Plastic Case Three-Phase Noise Filter LF-SF Series [RoHS Compliant] ※1:Model names ending with "10" indicate normal types, and those ending with "20" indicate DIN rail types. ※2:Normal type / DIN rail type (DIN rails not included in the products) Model ※1 LF-3100SF-10/20 LF-3200SF-10/20 LF-3300SF-10/20 LF-3500SF-10/20 Rated voltage AC/DC(V) 520 520 520 520 Rated current AC/DC(A) 10 20 30 50 Withstanding voltage 2 sec., line to ground AC(V) 3000 3000 3000 3000 Insulation resistance 500VDC 1 min., line to ground (MΩ)min. 6000 6000 6000 6000 Leakage current 380V/50Hz, (mA)max. 0.48 0.48 0.48 0.48 Certified standard UL 、CSA、ENEC14 UL 、CSA、ENEC14 UL 、CSA、ENEC14 UL 、CSA、ENEC14 Weight (g) ※2 520 / 540 520 / 540 520 / 540 950 / 960 Self- temperature rise (K)max. 50 50 50 50 Operating temperature range (℃) -25 ∼+100 -25 ∼+100 -25 ∼+100 -25 ∼+100 Common mode Normal mode ●Plastic shell of the product eliminates resin filling (weight reduction) ●DIN rail installation types available ●Featuring mechanism of self-jump-up to prevent loss of screw (easy to install) ●Safety cover integrating contact terminal Features ●Industrial equipment, machine tools Applications Normal type10,20,30A Normal type 50A DIN rail type10,20,30A DIN rail type 50A Model A 150 177 150 177 B 50 65 50 65 C 78 84 78 84 E 140 162 140 162 F 32 44 32 44 G 4.3x5.5 5.3x6.5 4.3x5.5 5.3x6.5 H 1.5 1.5 1.5 1.5 J M4 M5 M4 M5 X 9.7 9.7 Shape and Dimensions ●LF-3**0SF-10(Normal type) ●LF-3**0SF-20(DIN rail type) [mm] Circuit Diagram Measuring Circuit Attenuation(Static Characteristics) Representative example: 50A ●Common mode ●Normal mode E 4 5 6 3 2 1 LINE LOAD B E G A 3 1 2 LINE 6 LOAD 4 5 H F C J *Recommended torque (N・m) max. ◆Line terminal (M4: 1.20, M5: 2.20) ◆Earth terminal (M4: 1.20, M5: 2.20) B E G A 3 1 2 LINE 6 LOAD 4 5 H F C X J |
Similar Part No. - VU-215F |
|
Similar Description - VU-215F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |