Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-215U Datasheet(PDF) 9 Page - NEC

Part # GT-215U
Description  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

GT-215U Datasheet(HTML) 9 Page - NEC

Back Button GT-215U Datasheet HTML 5Page - NEC GT-215U Datasheet HTML 6Page - NEC GT-215U Datasheet HTML 7Page - NEC GT-215U Datasheet HTML 8Page - NEC GT-215U Datasheet HTML 9Page - NEC GT-215U Datasheet HTML 10Page - NEC GT-215U Datasheet HTML 11Page - NEC GT-215U Datasheet HTML 12Page - NEC GT-215U Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Noise Filters VOL.11
9
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Casing Type
Plastic box
100
90
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.5
1.0
5.0
10
20 30
Plastic Case Single-Phase Noise Filter
GT-SF Series
[RoHS Compliant]
Plastic Case Single-Phase Noise Filter
GT-SF Series
[RoHS Compliant]
Plastic Case Single-Phase Noise Filter
GT-SF Series
[RoHS Compliant]
Common mode
Normal mode
GT-2060SF-10
GT-2100SF-10
GT-2160SF-10
GT-2200SF-10
Model
※1
250
250
250
250
Rated
voltage
AC/DC(V)
6
10
16
20
Rated
current
AC/DC(A)
2500
2500
2500
2500
Withstanding
voltage 2 sec.,
line to ground
AC(V)
6000
6000
6000
6000
Insulation resistance
500VDC 1 min.,
line to ground
(MΩ)min.
0.56
0.56
0.56
0.56
Leakage
current
250V/50Hz,
(mA)max.
210
220
220
220
Weight
(g)
※2
45
45
45
45
Self-
temperature
rise
(K)max.
-25
∼+100
-25
∼+100
-25
∼+100
-25
∼+100
Operating
temperature
range
(℃)
cCSAus,ENEC14
cCSAus,ENEC14
cCSAus,ENEC14
cCSAus,ENEC14
Certified
standard
[mm]
Shape and Dimensions
Circuit Diagram
Common mode
Measuring Circuit
Normal mode
Attenuation(Static Characteristics)
Representative example: 20A
1
2
3
4
φ4.4
75±0.40
Earth connection:
M4 screw
103±0.40
93±0.40
E
1
2
3
4
IN
Plastic shell of the product eliminates resin filling (weight reduction)
DIN rail installation types available
Featuring mechanism of self-jump-up to prevent loss of screw (easy to install)
Safety cover integrating contact terminal
Features
Industrial equipment,
 electronic devices
Applications
*Recommended torque (N・m) max. ◆Line terminal (M4: 1.00)
◆Earth terminal (M4: 1.00)


Similar Part No. - GT-215U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
GT-215J KEMET-GT-215J Datasheet
83Kb / 1P
   KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
More results

Similar Description - GT-215U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com