Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24MAC602-XUM-T Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24MAC602-XUM-T
Description  I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24MAC602-XUM-T Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24MAC602-XUM-T Datasheet HTML 6Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 7Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 8Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 9Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 10Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 11Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 12Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 13Page - ATMEL Corporation AT24MAC602-XUM-T Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Atmel AT24MAC402/602 [DATASHEET]
8807A–SEEPR–6/12
Figure 4-6. Output Acknowledge
5.
Device Addressing
Standard EEPROM Access: The 2K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see Table 8-1 on page 16).
The device address word consists of a mandatory one-zero sequence for the first four most-significant bits ‘1010’(Ah)
for normal read and write operations and ‘0110’ (6h) for writing to the Software Write Protect Register.
The next three bits in the protocol sequence are the A2, A1, and A0 device address bits. These three bits must match
their corresponding hard-wired input pins A2, A1, and A0 in order for the part to acknowledge.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high,
and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero.
If a compare is not made, the device will return to a standby state. The device will not acknowledge if the Write Protect
Register has been programmed and the control code is ‘0110’(6h).
Serial Number Access: The AT24MAC402/602 incorporates an extended memory block containing a
factory-programmed 128-bit serial number. Access to this memory location is obtained by beginning the device address
word with a ‘1011’(Bh) sequence. The behavior of the next three bits (A2, A1, and A0) remain the same as during a
standard memory addressing sequence.
The eighth bit of the device address needs to be set to a one to read the serial number. A zero in this bit position, other
than during a dummy write sequence to set the address pointer, will result in a unknown condition and behavior. Writing
or altering the 128-bit serial number is not possible as it is permanently write protected. Further specific protocol is
needed to address the serial number feature of the part. For more details on accessing this special feature, See “Read
Operations” on page 15.
EUI Address Access: The AT24MAC402/602 utilizes an extended memory block containing a factory-programmed
read-only EUI-48 or EUI-64 address respectively. Access to this memory block is obtained by beginning the device
address word with a ‘1011’ (Bh) sequence. The behavior of the next three bits (A2, A1, and A0) remain the same as
during a standard memory addressing sequence.
The eighth bit of the device address needs to be set to a one to read the EUI address. A zero in this bit position, other
than during a dummy write sequence to set the address pointer, will result in a unknown condition and behavior.
Attempting to write or alter the EUI address is not possible as it is permanently write protected. Further specific protocol
is needed to address this feature of the part. For more details on accessing this special feature, see “Read Operations”
on page 15.
SCL
Data IN
Data OUT
Start
Acknowledge
18
9


Similar Part No. - AT24MAC602-XUM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
More results

Similar Description - AT24MAC602-XUM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C512C-SSHD-T ATMEL-AT24C512C-SSHD-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com