Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ14C Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ14C
Description  Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ14C Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ14C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ14C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ14C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ14C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ200
SMCJ200C
GHW
BHW
200
222
282.0
1.0
356
4.2
5.0
SMCJ200A
SMCJ200CA
GHX
BHX
200
222
256.0
1.0
322
4.7
5.0
SMCJ210
SMCJ210C
GHY
BHY
210
233
296.1
1.0
375
4.0
5.0
SMCJ210A
SMCJ210CA
GHZ
BHZ
210
233
268.8
1.0
339
4.4
5.0
SMCJ220
SMCJ220C
GJD
BJD
220
244
310.2
1.0
392
3.8
5.0
SMCJ220A
SMCJ220CA
GJE
BJE
220
244
281.6
1.0
355
4.2
5.0
SMCJ250
SMCJ250C
GJF
BJF
250
278
342.5
1.0
447
3.4
5.0
SMCJ250A
SMCJ250CA
GJG
BJG
250
278
309.0
1.0
403
3.7
5.0
SMCJ300
SMCJ300C
GJH
BJH
300
333
411.0
1.0
535
2.8
5.0
SMCJ300A
SMCJ300CA
GJK
BJK
300
333
371.0
1.0
484
3.1
5.0
SMCJ350
SMCJ350C
GJL
BJL
350
389
479.5
1.0
624
2.4
5.0
SMCJ350A
SMCJ350CA
GJM
BJM
350
389
432.0
1.0
565
2.7
5.0
SMCJ400
SMCJ400C
GJN
BJN
400
444
548.0
1.0
687
2.2
5.0
SMCJ400A
SMCJ400CA
GJP
BJP
400
444
494.0
1.0
645
2.3
5.0
SMCJ440
SMCJ440C
GJQ
BJQ
440
489
602.8
1.0
786
1.9
5.0
SMCJ440A
SMCJ440CA
GJR
BJR
440
489
543.0
1.0
710
2.1
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Surface Mount TVS
http://www.luguang.cn
Email:lge@luguang.cn
SMCJ5.0---SMCJ440CA


Similar Part No. - SMCJ14C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ14C BYTES-SMCJ14C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ14C LUGUANG-SMCJ14C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ14C MICROSEMI-SMCJ14C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ14C LUGUANG-SMCJ14C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ14C VISHAY-SMCJ14C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ14C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com