Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24MAC602-WWUUM-T Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24MAC602-WWUUM-T
Description  I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24MAC602-WWUUM-T Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24MAC602-WWUUM-T Datasheet HTML 3Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 4Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 5Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 6Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 7Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 8Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 9Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 10Page - ATMEL Corporation AT24MAC602-WWUUM-T Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Atmel AT24MAC402/602 [DATASHEET]
8807A–SEEPR–6/12
3.1
EUI-48 Support
The EUI-48 address is stored in the last six bytes of the AT24MAC402’s extended memory block as shown in Table 3-1.
For information on the protocol to read the EUI-48 value, see “Device Addressing” on page 10 and “Read Operations” on
page 15.
Table 3-1.
48-Bit EUI Address Memory Map Example
Using an EUI-48 Value in an EUI-64 Application: An EUI-64 compatible value can be generated from the EUI-48 value
contained in the AT24MAC402 by concatenating the 24-bit OUI, an FFFEh data value, and the 24-bit Extension
Identifier. This is commonly referred to as an Encapsulated EUI-48 value. However, Atmel recommends using the
AT24MAC602 which contains a true EUI-64 value so that post read processing is not required by the application.
3.2
EUI-64 Support
For applications that utilize an EUI-64 standard, the EUI-64 address is stored in the last eight bytes of the
AT24MAC602’s extended memory block. Similar to EUI-48, the EUI-64 standard consists of the same three byte OUI
coupled with a five byte extension identifier (see Table 3-2). Atmel generates this unique 40-bit data value coupled with
the OUI to guarantee a globally unique 64-bit EUI value and requires no additional data manipulation like other solutions
where the application must manually insert a two byte FFFEh value in between the OUI and Extension Identifier. For
information on how to read the EUI read protocol, see “Device Addressing” on page 10 and “Read Operations” on page
15.
Table 3-2.
64-Bit EUI Address Memory Map Example
Note:
1. The data values FFFEh and FFFFh are prohibited beginning from the 40-bit Extension Identifier in Byte 1
and Byte 2. These values are reserved for denoting an encapsulated MAC-48 or EUI-48 value for use in an
EUI-64 environment.
3.3
Non-Atmel OUI Programming Option
For customers with their own IEEE-assigned OUI or Company ID, Atmel offers the time saving option to manage and
deliver custom AT24MAC402/602 devices with their EUI-48/64 values uniquely pre-programmed at delivery. Contact
your local Atmel Sales Office for additional information.
48-Bit EUI
Description
24-Bit OUI
24-Bit Extension Identifier
Memory Address
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
EUI Data Value
FCh
C2h
3Dh
Byte 1
Byte 2
Byte 3
64-Bit EUI
Description
24-Bit OUI
40-Bit Extension Identifier
Memory Address
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
EUI Data Value
FCh
C2h
3Dh
Byte 1(1)
Byte 2(1)
Byte 3
Byte 4
Byte 5


Similar Part No. - AT24MAC602-WWUUM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
More results

Similar Description - AT24MAC602-WWUUM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C512C-SSHD-T ATMEL-AT24C512C-SSHD-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com