Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24MAC402-X11M-T Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24MAC402-X11M-T
Description  I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24MAC402-X11M-T Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24MAC402-X11M-T Datasheet HTML 1Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 2Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 3Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 4Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 5Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 6Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 7Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 8Page - ATMEL Corporation AT24MAC402-X11M-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Atmel AT24MAC402/602 [DATASHEET]
8807A–SEEPR–6/12
1.
Absolute Maximum Ratings*
Figure 1-1. Block Diagram
Operating temperature . . . . . . . . . . .–55°C to +125°C
Storage temperature . . . . . . . . . . . . .–65°C to +150°C
Voltage on any pin
with respect to ground . . . . . . . . . . . . . –1.0V to +7.0V
Maximum operating voltage . . . . . . . . . . . . . . . 6.25V
DC output current . . . . . . . . . . . . . . . . . . . . . . . 5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Start
Stop
Logic
Data Word
ADDR/Counter
Device
Address
Comparator
Data Latches
DOUT / ACK
Logic
Column
Decoder
EEPROM
Array
Serial
Control
Logic
High Voltage
Pump & Timing
128-bit
Serial
Number
Serial MUX
Read
Read/Write
Enable
COMP
Load
INC
VCC
GND
WP
SCL
SDA
DOUT
DIN
A2
A1
A0
MAC-48
EUI-48
EUI-64
Address
Read


Similar Part No. - AT24MAC402-X11M-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
More results

Similar Description - AT24MAC402-X11M-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C512C-SSHD-T ATMEL-AT24C512C-SSHD-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com