Electronic Components Datasheet Search |
|
M-543CT Datasheet(PDF) 26 Page - NEC |
|
M-543CT Datasheet(HTML) 26 Page - NEC |
26 / 45 page 26 DC Line Filters VOL.10 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634DCLVOL10E1106E2 SNT Series [RoHS Compliant] SNT Series [RoHS Compliant] 10 50 100 500 1K 5K 10K S30 S20 S10 10 50 100 500 1K 5K 10K D10 D20 D30 1 5 10 50 100 500 Frequency (MHz) 1 5 10 50 100 500 Frequency (MHz) Impedance vs. Frequency • Tape and Reel Dimensions (see page 39) SNT-S10 3.0 1.5 25 –20 to +60 SNT-S20 1.5 6 35 –20 to +60 SNT-S30 0.5 13 95 –20 to +60 Bulk (100 pcs.) SNT-D10 3.0 2.5 25 –20 to +60 SNT-D20 1.5 10 45 –20 to +60 SNT-D30 0.5 20 98 –20 to +60 Model Rated current* Inductance DC resistance Operating temperature range Packaging (A) (µH) min.(m ) max. (˚C) *The rated current is for the wire and it is different from the inductance guaranteeing values. • Taping (1000 pcs./ reel) • Flat taping (SNT-S type: 1000 pcs./ reel), (SNT-D type: 500 pcs./ reel) TF T 9.5 max. (ø0.5) 5.0±0.2 5.0 max. (S type) 6.0 max. (D type) bFor noise suppression in the secondary low-voltage power supply circuit DC power supply circuits Vcc GND Design Example Shape and Dimensions [mm] DIP Type Normal Mode |
Similar Part No. - M-543CT |
|
Similar Description - M-543CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |