Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4355 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4355
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4355 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4355 Datasheet HTML 5Page - Silicon Laboratories SI4355 Datasheet HTML 6Page - Silicon Laboratories SI4355 Datasheet HTML 7Page - Silicon Laboratories SI4355 Datasheet HTML 8Page - Silicon Laboratories SI4355 Datasheet HTML 9Page - Silicon Laboratories SI4355 Datasheet HTML 10Page - Silicon Laboratories SI4355 Datasheet HTML 11Page - Silicon Laboratories SI4355 Datasheet HTML 12Page - Silicon Laboratories SI4355 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si4355
Rev 1.0
9
1.1. Definition of Test Conditions
Production Test Conditions:
TA =+25 °C
VDD =+3.3VDC
Sensitivity measured at 434 MHz using a PN15 modulated input signal and with packet handler mode
enabled.
External reference signal (XIN) = 1.0 VPP at 30 MHz, centered around 0.8 VDC
Production test schematic (unless noted otherwise)
All RF input and output levels referred to the pins of the Si4355 (not the RF module)
Qualification Test Conditions:
TA = –40 to +85 °C (typical = 25 °C)
VDD = +1.8 to +3.6 VDC (typical = 3.3 VDC)
Using reference design or production test schematic
All RF input and output levels referred to the pins of the Si4355 (not the RF module)


Similar Part No. - SI4355

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4355-C2A-GM SILABS-Si4355-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

Similar Description - SI4355

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
List of Unclassifed Man...
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com