Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA30A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SA30A
Description  500W Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SA30A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SA30A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SA30A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SA30A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Number
(Suffix C =
Bidirectional)
(Note 1)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ It
Test
Current
Max.
Clamping
Voltage
@IPP
Max.
Peak
Pulse Current
Max.
Reverse
Leakage
@VR
(Note 2)
Max. Voltage
Temp.
Variation
of VBR
VR (V)
Min (V)
Max (V)
It (mA)
VC (V)
IPP (A)
IR (
mA)
mV/°C
SA5V0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
5.0
SA6V0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
5.0
SA6V5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
5.0
SA7V0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
6.0
SA7V5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
7.0
SA8V0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
7.0
SA8V5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
8.0
SA9V0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5.0
9.0
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
3.0
10
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
3.0
11
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
3.0
12
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
3.0
13
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
3.0
14
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
3.0
16
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
3.0
17
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
3.0
19
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
3.0
20
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
3.0
23
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
3.0
25
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
3.0
28
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
3.0
30
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
3.0
31
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
3.0
36
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
3.0
39
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
3.0
41
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
3.0
46
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
3.0
50
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
3.0
52
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
3.0
56
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
3.0
61
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
3.0
65
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
3.0
70
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
3.0
71
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
3.0
76
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
3.0
85
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
3.0
91
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
3.0
95
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
3.0
103
SA90(C)A
90
100
111.0
1.0
146.0
3.4
3.0
110
SA100(C)A
100
111
123.0
1.0
162.0
3.1
3.0
123
SA110(C)A
110
122
135.0
1.0
177.0
2.8
3.0
133
SA120(C)A
120
133
147.0
1.0
193.0
2.6
3.0
146
SA130(C)A
130
144
159.0
1.0
209.0
2.4
3.0
158
SA150(C)A
150
167
185.0
1.0
243.0
2.1
3.0
184
SA160(C)A
160
178
197.0
1.0
259.0
1.9
3.0
196
SA170(C)A
170
189
209.0
1.0
275.0
1.8
3.0
208
Notes:
1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
SA5V0(C)A-SA170(C)A
500W Transient Voltage Suppressor


Similar Part No. - SA30A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA30A MOTOROLA-SA30A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
UN Semiconducctor INC
SA30A UNSEMI-SA30A Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Taiwan Semiconductor Co...
SA30A TSC-SA30A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA30A LITTELFUSE-SA30A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Pan Jit International I...
SA30A PANJIT-SA30A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA30A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com