Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDCL015XX33 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDCL015XX33
Description  150 mA capless ultra low drop linear regulator ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015XX33 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDCL015XX33 Datasheet HTML 3Page - STMicroelectronics LDCL015XX33 Datasheet HTML 4Page - STMicroelectronics LDCL015XX33 Datasheet HTML 5Page - STMicroelectronics LDCL015XX33 Datasheet HTML 6Page - STMicroelectronics LDCL015XX33 Datasheet HTML 7Page - STMicroelectronics LDCL015XX33 Datasheet HTML 8Page - STMicroelectronics LDCL015XX33 Datasheet HTML 9Page - STMicroelectronics LDCL015XX33 Datasheet HTML 10Page - STMicroelectronics LDCL015XX33 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LDCL015XX, LDCL015XX33
Electrical characteristics
Doc ID 022166 Rev 2
7/16
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT + 0.5 V; VOUT = 1.6 V; CIN = COUT = 100 nF; IOUT =1 mA; VEN=VIN.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
1.8
5.5
V
VOUT
(1)
Output voltage accuracy
TJ=25°C
-2.0
2.0
%
-40°C<TJ<125°C
-3.0
3.0
VREF
Reference voltage for
adjustable version
0.8
V
Reference accuracy for
adjustable version
-40°C<TJ<125°C
-3.0
3.0
%
Adj. current
0<VADJ<5.5V
-1
1
µA
ΔV
OUT%
VIN
Static line regulation
VOUT+0.5V<VIN<5.5V;
TJ=25°C
0.05
%/V
ΔV
OUT%/ΔI
OUT
Static load regulation
1mA<IOUT<150mA;TJ=25°C
0.003
%/mA
VDROP
Dropout voltage (2)
VOUT=1.6V; IOUT=100mA;
-40°C<TJ<125°C
50
100
mV
eN
Output noise voltage
10 Hz to 100k Hz; IO = 10 mA
VOUT=1V
40
µVRMS
SVR
Supply voltage rejection
VIN = VOUT+1V+VRIPPLE
VRIPPLE-PP = 0.5V
Freq.=1kHz; IOUT = 10mA
52
dB
VIN = VOUT+1V+VRIPPLE
VRIPPLE-PP = 0.5V
Freq.=10kHz; IOUT = 10mA
51
IQ
Quiescent current (2)
0<IOUT <150mA; -
40°C<TJ<125°C
120
160
µA
Shutdown Mode
1
ISC
Short-circuit current (2)
VOUT=0V
220
mA
VEN
Enable Input logic low
1.8V<VIN<5.5V, -
40°C<TJ<125°C
0.3
V
Enable input logic high
1.0
IEN
Enable pin input current
VEN=VIN; 1.8V<VIN<5.5V
0.1
100
nA
TON
Turn-on time (3)
VOUT=0.8V
300
µs
TSHDN
Thermal shutdown
170
°C
Hysteresis
150
1.
Minimum VIN = VOUT + VDROP or 1.8 V, whichever is greater.
2.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value; this
specification does not apply for nominal output voltages below 1.6 V.
3.
Turn-on time is the time measured between the enable input just exceeding VEN high value and the output voltage just
reaching 95% of its nominal value.


Similar Part No. - LDCL015XX33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDCL015 STMICROELECTRONICS-LDCL015 Datasheet
1Mb / 17P
   150 mA capless ultra low drop linear regulator ICs
LDCL015M33R STMICROELECTRONICS-LDCL015M33R Datasheet
1Mb / 17P
   150 mA capless ultra low drop linear regulator ICs
More results

Similar Description - LDCL015XX33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDCL015M33R STMICROELECTRONICS-LDCL015M33R Datasheet
1Mb / 17P
   150 mA capless ultra low drop linear regulator ICs
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com