Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA699MJD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699MJD
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699MJD Datasheet(HTML) 4 Page - Texas Instruments

  OPA699MJD Datasheet HTML 1Page - Texas Instruments OPA699MJD Datasheet HTML 2Page - Texas Instruments OPA699MJD Datasheet HTML 3Page - Texas Instruments OPA699MJD Datasheet HTML 4Page - Texas Instruments OPA699MJD Datasheet HTML 5Page - Texas Instruments OPA699MJD Datasheet HTML 6Page - Texas Instruments OPA699MJD Datasheet HTML 7Page - Texas Instruments OPA699MJD Datasheet HTML 8Page - Texas Instruments OPA699MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating voltage (VS)
±5
±6
V
TA = 25°C
15
15.5
16
Quiescent current (IS)
mA
TA = Full range
13.5
18
TA = 25°C
65
76
Input referred,
ower supply rejection ratio (PSRR)
dB
VS = ±4.5 V to ±5.5 V
TA = Full range
60
OUTPUT VOLTAGE LIMITERS (PINS 5 AND 8)
TA = 25°C
±3.3
±3.6
Default output limited voltage
Limiter pins open
V
TA = Full range
±3
Limiter output offset voltage
(VO– VH) or (VO– VL)
TA = Full range
±15
±50
mV
TA = 25°C
40
55
65
Limiter input bias current magnitude(4)
VO = 0 V
µA
TA = Full range
35
70
3.4
M
Limiter input impedance
1
pF
Limiter feedthrough(5)
f = 5 MHz
–60
dB
Maximum limiter voltage
±4.3
V
Minimum limiter voltage separation
400
mV
Op amp bias current shift(2)
3
µA
Limiter small signal bandwidth
VI = ±2 V, VO < 0.02 Vp-p
600
MHz
Limter slew rate(6)
125
V/µs
Limiter step response, overshoot
VI = ±2 V
250
mV
Limiter step response, recovery time
VI = ±2 V
1
ns
Linearity guardband(7)
VO = 2 Vp-p, f = 5 MHz
30
mV
(4)
IVH (VH bias current) is positive and IVL (VL bias current) is negative, under these conditions. See Note 2, Figure 47, and Figure 58.
(5)
Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(6)
VH slew rate conditions are: VIN = +0.7 V, G = +6, VL = -2 V, VH = step between 2 V and 0 V. VL slew rate conditions are similar.
(7)
Linearity Guardband is defined for an output sinusoid (f = 1 MHz, VO = 2 Vp-p) centered between the limiter levels (VH and VL). It is the
difference between the limiter level and the peak output voltage where SFDR decreases by 3 dB (see Figure 59).
4
Submit Documentation Feedback


Similar Part No. - OPA699MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699MJD TI1-OPA699MJD Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA699MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com