Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4355-LED-915-SRX Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 4355-LED-915-SRX
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4355-LED-915-SRX Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button 4355-LED-915-SRX Datasheet HTML 3Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 4Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 5Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 6Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 7Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 8Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 9Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 10Page - Silicon Laboratories 4355-LED-915-SRX Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si4010-DK
Rev. 0.1
7
1.2. Other Boards
The following boards are not part of the development kit but can be ordered separately from Silicon Labs.
1.2.1. Si4010 SOIC Key Fob Development Board 434 MHz, SMA
This board is similar to the board described in “1.1.3. Si4010 MSOP Key Fob Development Board 434 MHz, SMA
(P/N 4010-DKPB434-BM)” but contains the SOIC package version of the Si4010.
1.2.2. Si4010 Key Fob Development Board 434 MHz
This is also a key fob development board, but with a pcb antenna instead of the SMA connector.
Part Number
Description
4010-DKPB434-BS
Si4010 SOIC key fob development board 434 MHz, SMA
4010-DKPB_434
Si4010 key fob development board 434 MHz
4010-DKMX_434
Si4010 matrix keyboard development board 434 MHz
4010-KFOB-315-NF
Si4010 key fob demo board 315 MHz w/o IC


Similar Part No. - 4355-LED-915-SRX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4355-LED-434-SRX SILABS-4355-LED-434-SRX Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4355-LED-434-SRX SILABS-4355-LED-434-SRX Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4355-LED-868-SRX SILABS-4355-LED-868-SRX Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4355-LED-868-SRX SILABS-4355-LED-868-SRX Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Similar Description - 4355-LED-915-SRX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com