Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA120A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SA120A
Description  500W Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SA120A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SA120A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SA120A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SA120A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, Tp = 1.0ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
500
W
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Board mounted)
Pd
1.0
W
Peak Forward Surge Current, 8.3 Single Half Sine Wave
Superimposed on Rated Load
Duty Cycle = 4 pulses per minute maximum
IFSM
70
A
Forward Voltage @ IF = 35A 300µs Square Wave Pulse,
Unidirectional Only
VF
3.5
V
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Case: Transfer Molded Epoxy
Plastic Case Material has UL Flammability
Classification Rating 94V-0
Moisture sensitivity: Level 1 per J-STD-020A
Leads: Plated Leads, Solderable per
MIL-STD-202, Method 208
Marking: Unidirectional: Type Number and
Cathode Band
Marking Bi-directional: Type Number Only
Approx. Weight: 0.4 grams
Constructed with Glass Passivated Die
Excellent Clamping Capability
500W Peak Pulse Power Dissipation
Fast Response Time
100% Tested at Rated Peak Pulse Power
Voltage Range 5.0 - 170 Volts
Unidirectional and Bi-directional Versions
Available (Note 1)
Notes:
1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
SA5V0(C)A-SA170(C)A
500W Transient Voltage Suppressor
Features
Mechanical Data
DO-15
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SA120A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA120A MOTOROLA-SA120A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA120A TSC-SA120A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA120A LITTELFUSE-SA120A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Pan Jit International I...
SA120A PANJIT-SA120A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
MDE Semiconductor, Inc.
SA120A MDE-SA120A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA120A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com