Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WOI1A00APAY Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # WOI1A00APAY
Description  Limitless??Wireless Operator Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WOI1A00APAY Datasheet(HTML) 4 Page - Honeywell Accelerometers

  WOI1A00APAY Datasheet HTML 1Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 2Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 3Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 4Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 5Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 6Page - Honeywell Accelerometers WOI1A00APAY Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4Honeywell•SensingandControl
Limitless™ WOI Series
STANDARD LISTINGS
Part number
Description
WOI1A00APAG
Limitless™ WOI, no antenna,
22 mm round flush momentary
greenpushbutton,foruseinUS/
Canada
WOI1A00APAR
Limitless™ WOI, no antenna,
22 mm round flush momentary
redpushbutton,foruseinUS/
Canada
WOI1A11APAG
Limitless™WOI,0dBistraight
antenna, 22 mm round flush
momentary green pushbutton,
foruseinUS/Canada
WOI1A11APAR
Limitless™WOI,0dBistraight
antenna, 22 mm round flush
momentary red pushbutton, for
useinUS/Canada
WOI1A00APBY
Limitless™WOI,noantenna,29
mm mushroom head momentary
yellow pushbutton, for use in
US/Canada
WOI1A00APCY
Limitless™WOI,noantenna,40
mm maintained yellow pushbut-
ton,foruseinUS/Canada
WOI1A11APBY
Limitless™WOI,0dBistraight
antenna,29mmmushroom
head momentary yellow push-
button,foruseinUS/Canada
WOI1A11APCY
Limitless™WOI,0dBistraight
antenna,40mmmaintainedyel-
lowpushbutton,foruseinUS/
Canada
Part number
Description
WOI1A00BPAG
Limitless™ WOI, no antenna,
22 mm round flush momentary
green pushbutton, for use in all
other approved countries
WOI1A00BPAR
Limitless™ WOI, no antenna, 22
mm round flush momentary red
pushbutton, for use in all other
approved countries
WOI1A11BPAG
Limitless™WOI,0dBistraight
antenna, 22 mm round flush
momentary green pushbutton,
for use in all other approved
countries
WOI1A11BPAR
Limitless™WOI,0dBistraight
antenna, 22 mm round flush mo-
mentary red pushbutton, for use
in all other approved countries
WOI1A00BPBY
Limitless™WOI,noantenna,29
mm mushroom head momentary
yellow pushbutton, for use in all
other approved countries
WOI1A00BPCY
Limitless™WOI,noantenna,40
mm maintained yellow pushbut-
ton, for use in all other approved
countries
WOI1A11BPBY
Limitless™WOI,0dBistraight
antenna,29mmmushroom
head momentary yellow push-
button, for use in all other ap-
proved countries
WOI1A11BPCY
Limitless™WOI,0dBistraight
antenna,40mmmaintained
yellow pushbutton, for use in all
other approved countries


Similar Description - WOI1A00APAY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
Honeywell Accelerometer...
WLS1A00AQBT1 HONEYWELL-ACC-WLS1A00AQBT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
logo
Omron Electronics LLC
NT2S-SF126B-E OMRON-NT2S-SF126B-E Datasheet
481Kb / 6P
   Powerful and Compact Alphanumeric Operator Interface
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
   Wireless RS232 Interface Board
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
logo
Red Lion Controls. Inc
G307K2 REDLION-G307K2 Datasheet
1Mb / 4P
   KADET 2 OPERATOR INTERFACE WITH 7" TFT DISPLAY
G07C0000 REDLION-G07C0000 Datasheet
1Mb / 4P
   Graphic Operator Interface Panels with Modular I/O
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Extech Instruments Corp...
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com