Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMW31R0JT Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMW31R0JT
Description  Low Profile Design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMW31R0JT Datasheet(HTML) 1 Page - Tyco Electronics

  SMW31R0JT Datasheet HTML 1Page - Tyco Electronics SMW31R0JT Datasheet HTML 2Page - Tyco Electronics SMW31R0JT Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics - Electrical
Characteristics - Environmental
Test
Condition
SM (Wire)
SM (Metal Film)
Temperature Coefficient
-55°C – +200°C
± 200ppm /°C
± 100ppm /°C
of Resistance:
Short Time Overload:
5 times of rated wattage for 5 sec.
± 1%
± 0.5%
Rated Load:
Rated voltage for 30 minutes
± 1%
± 0.5%
Insulation Resistance:
500VDC
10,000 MΩ
10,000 MΩ
Load Life:
70°C 1.5 hrs on 0.5 hrs off for 1000 hrs
± 2%
± 1%
Humidity Load Life:
40°C ±2°C @ 90-95% RH 500 hrs
± 2%
± 1%
1.5 hrs on 0.5 hrs off
Voltage Withstand:
500VAC for 60 seconds
No Physical damage
Solderability:
235°C ±5°C for 2 seconds
95% coverage
Resistance to
270°C ±5°C for 10 ±1seconds
Resistance value change
Soldering Heat:
within ± 1%
SM (Wire)
SM (Metal Film)
Values SM_2:
R10 – 200R
201R – 2M
Values SM_3:
R10 – 300R
301R – 2M
Values SM_5:
R10 – 500R
501R – 2M
Value Grid:
E24
Resistance Tolerance:
1% or 5%
Power Rating @ 25°C SM_2:
2.0 Watts
Power Rating @ 25°C SM_3:
3.0 Watts
Power Rating @ 25°C SM_5:
5.0 Watts
Derating:
See Curve Below
Max Operating Voltage SM_2:
300 Volts
Max Operating Voltage SM_3:
500 Volts
Max Operating Voltage SM_5:
500 Volts
SMD Moulded Power Resistor
Type SM Series
1773242 CIS WR 04/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
Low Profile Design
Available on Tape
Very Wide Value Range
Ideal for Power Circuitry
Available in 2,3 or 5 Watts
Flameproof Coating UL94V0
TE Connectivity  (TE)  introduces  a  surface  mount  power  resistor  suited  to  meet  today's
circuit design needs. Each size offers low profile case design with flexible tinned copper
terminations  for  reliable  solder  joints.  All  styles  utilize  a  fully  welded  construction
technique,  unlike  other  designs  that  rely  solely  on  tinned  termination 
onnections.  These  features  allow  the  SM  Series  to  withstand  the  higher  temperatures
associated  with  reflow,  vapour  phase,  or  infrared  (IR)  manufacturing  processes  without
degradation.


Similar Part No. - SMW31R0JT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMW310RJT MACOM-SMW310RJT Datasheet
132Kb / 3P
   Type SM Series
More results

Similar Description - SMW31R0JT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
   low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
   low profile design
logo
Ohmite Mfg. Co.
RES-TL OHMITE-RES-TL Datasheet
341Kb / 2P
   Low profile design
logo
CUI INC
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
   low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
   low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
   low profile design
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
   low profile design
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012050LBT WALSIN-RFDIP2012050LBT Datasheet
619Kb / 2P
   RFDIP2012050LBT Low Profile Design
RFDIP2012080LVT WALSIN-RFDIP2012080LVT Datasheet
254Kb / 2P
   RFDIP2012080LVT Low Profile Design
RFDIP1606L238Q1C WALSIN-RFDIP1606L238Q1C Datasheet
379Kb / 3P
   RFDIP1606L238Q1C Low Profile Design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com