Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5652-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652-EP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652-EP Datasheet(HTML) 3 Page - Texas Instruments

  DAC5652-EP Datasheet HTML 1Page - Texas Instruments DAC5652-EP Datasheet HTML 2Page - Texas Instruments DAC5652-EP Datasheet HTML 3Page - Texas Instruments DAC5652-EP Datasheet HTML 4Page - Texas Instruments DAC5652-EP Datasheet HTML 5Page - Texas Instruments DAC5652-EP Datasheet HTML 6Page - Texas Instruments DAC5652-EP Datasheet HTML 7Page - Texas Instruments DAC5652-EP Datasheet HTML 8Page - Texas Instruments DAC5652-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
DEVICE INFORMATION
13 14 15
NC
NC
NC
NC
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
DA9 (MSB)
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0 (LSB)
NC
NC
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
Top View
48-Pin TQFP
PFB Package
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
38
I
Analog ground
AVDD
47
I
Analog supply voltage
BIASJ_A
44
O
Full-scale output current bias for DACA
BIASJ_B
41
O
Full-scale output current bias for DACB
CLKA/CLKIQ
18
I
Clock input for DACA, CLKIQ in interleaved mode
CLKB/RESETIQ
19
I
Clock input for DACB, RESETIQ in interleaved mode
DA[9:0]
1–10
I
Data port A. DA9 is MSB and DA0 is LSB.
DB[9:0]
23–32
I
Data port B. DB9 is MSB and DB0 is LSB.
DGND
15, 21
I
Digital ground
DVDD
16, 22
I
Digital supply voltage
EXTIO
43
I/O
Internal reference output (bypass with 0.1
µF to AGND) or external reference input
GSET
42
I
Gain-setting mode: H = 1 resistor, L = 2 resistors. Internal pullup.
IOUTA1
46
O
DACA current output. Full scale with all bits of DA high.
IOUTA2
45
O
DACA complementary current output. Full scale with all bits of DA low.
IOUTB1
39
O
DACB current output. Full scale with all bits of DB high.
IOUTB2
40
O
DACB complementary current output. Full scale with all bits of DB low.
MODE
48
I
Mode select: H – dual bus, L – interleaved. Internal pullup.
NC
11–14, 33–36
Factory use only. Pins must be connected to DGND or left unconnected.
Sleep function control input: H = DAC in power-down mode, L = DAC in operating mode.
SLEEP
37
I
Internal pulldown.
WRTA/WRTIQ
17
I
Input write signal for PORT A (WRTIQ in interleaving mode)
WRTB/SELECTIQ
20
I
Input write signal for PORT B (SELECTIQ in interleaving mode)
3
Submit Documentation Feedback


Similar Part No. - DAC5652-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5652-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com