Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ190A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ190A
Description  Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ190A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ190A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ54
SMCJ54C
GFW
BFW
54
60.0
76.0
1.0
96.3
15.6
5.0
SMCJ54A
SMCJ54CA
GFX
BFX
54
60.0
69.0
1.0
87.1
17.2
5.0
SMCJ58
SMCJ58C
GFY
BFY
58
64.4
81.6
1.0
103
14.6
5.0
SMCJ58A
SMCJ58CA
GFZ
BFZ
58
64.4
74.1
1.0
93.6
16.0
5.0
SMCJ60
SMCJ60C
GGD
BGD
60
66.7
84.5
1.0
107
14.0
5.0
SMCJ60A
SMCJ60CA
GGE
BGE
60
66.7
76.7
1.0
96.8
15.5
5.0
SMCJ64
SMCJ64C
GGF
BGF
64
71.1
90.1
1.0
114
13.2
5.0
SMCJ64A
SMCJ64CA
GGG
BGG
64
71.1
81.8
1.0
103
14.6
5.0
SMCJ70
SMCJ70C
GGH
BGH
70
77.8
98.6
1.0
125
12.0
5.0
SMCJ70A
SMCJ70CA
GGK
BGK
70
77.8
89.5
1.0
113
13.3
5.0
SMCJ75
SMCJ75C
GGL
BGL
75
83.0
105.7
1.0
134
11.2
5.0
SMCJ75A
SMCJ75CA
GGM
BGM
75
83.0
95.8
1.0
121
12.4
5.0
SMCJ78
SMCJ78C
GGN
BGN
78
86.0
109.8
1.0
139
10.8
5.0
SMCJ78A
SMCJ78CA
GGP
BGP
78
86.0
99.7
1.0
126
11.9
5.0
SMCJ85
SMCJ85C
GGQ
BGQ
85
94.0
119.2
1.0
151
9.9
5.0
SMCJ85A
SMCJ85CA
GGR
BGR
85
94.0
108.2
1.0
137
10.9
5.0
SMCJ90
SMCJ90C
GGS
BGS
90
100
126.5
1.0
160
9.4
5.0
SMCJ90A
SMCJ90CA
GGT
BGT
90
100
115.5
1.0
146
10.3
5.0
SMCJ100
SMCJ100C
GGU
BGU
100
111
141.0
1.0
179
8.4
5.0
SMCJ100A
SMCJ100CA
GGV
BGV
100
111
128.0
1.0
162
9.3
5.0
SMCJ110
SMCJ110C
GGW
BGW
110
122
154.5
1.0
196
7.7
5.0
SMCJ110A
SMCJ110CA
GGX
BGX
110
122
140.5
1.0
177
8.5
5.0
SMCJ120
SMCJ120C
GGY
BGY
120
133
169.0
1.0
214
7.0
5.0
SMCJ120A
SMCJ120CA
GGZ
BGZ
120
133
153.0
1.0
193
7.8
5.0
SMCJ130
SMCJ130C
GHD
BHD
130
144
182.5
1.0
231
6.5
5.0
SMCJ130A
SMCJ130CA
GHE
BHE
130
144
165.5
1.0
209
7.2
5.0
SMCJ150
SMCJ150C
GHF
BHF
150
167
211.5
1.0
268
5.6
5.0
SMCJ150A
SMCJ150CA
GHG
BHG
150
167
192.5
1.0
243
6.2
5.0
SMCJ160
SMCJ160C
GHH
BHH
160
178
226.0
1.0
287
5.2
5.0
SMCJ160A
SMCJ160CA
GHK
BHK
160
178
205.0
1.0
259
5.8
5.0
SMCJ170
SMCJ170C
GHL
BHL
170
189
239.5
1.0
304
4.9
5.0
SMCJ170A
SMCJ170CA
GHM
BHM
170
189
217.5
1.0
275
5.5
5.0
SMCJ180
SMCJ180C
GHN
BHN
180
200
253.8
1.0
321
4.7
5.0
SMCJ180A
SMCJ180CA
GHP
BHP
180
200
230.4
1.0
290
5.2
5.0
SMCJ190
SMCJ190C
GHQ
BHQ
190
211
267.9
1.0
339
4.4
5.0
SMCJ190A
SMCJ190CA
GHR
BHR
190
211
243.2
1.0
306
4.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Surface Mount TVS
http://www.luguang.cn
Email:lge@luguang.cn
SMCJ5.0---SMCJ440CA


Similar Part No. - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMCJ190A MERITEK-SMCJ190A Datasheet
259Kb / 4P
   Transient Voltage Suppressors
logo
Jiangsu High diode Semi...
SMCJ190A HDSEMI-SMCJ190A Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
SUNMATE electronic Co.,...
SMCJ190A SUNMATE-SMCJ190A Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Formosa MS
SMCJ190A FORMOSA-SMCJ190A Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ190A LUGUANG-SMCJ190A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com