Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIRA02DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIRA02DP
Description  N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA02DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIRA02DP Datasheet HTML 1Page - Vishay Siliconix SIRA02DP Datasheet HTML 2Page - Vishay Siliconix SIRA02DP Datasheet HTML 3Page - Vishay Siliconix SIRA02DP Datasheet HTML 4Page - Vishay Siliconix SIRA02DP Datasheet HTML 5Page - Vishay Siliconix SIRA02DP Datasheet HTML 6Page - Vishay Siliconix SIRA02DP Datasheet HTML 7Page - Vishay Siliconix SIRA02DP Datasheet HTML 8Page - Vishay Siliconix SIRA02DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 63773
S12-0306-Rev. A, 13-Feb-12
www.vishay.com
3
Vishay Siliconix
SiRA02DP
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 3 V
V
GS = 10 V thru 4 V
V
GS = 2 V
0.0015
0.0017
0.0019
0.0021
0.0023
0.0025
0
16
32
48
64
80
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
16
32
48
64
80
Q
g - Total Gate Charge (nC)
V
DS = 15 V
V
DS = 20 V
V
DS = 10 V
I
D = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.8
1.6
2.4
3.2
4.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
1400
2800
4200
5600
7000
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 15 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SIRA02DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIRA02DP TFUNK-SIRA02DP Datasheet
315Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIRA02DP VISHAY-SIRA02DP_V01 Datasheet
316Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIRA02DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com