Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSLB21A107M(45) Datasheet(PDF) 4 Page - NEC

Part # PSLB21A107M(45)
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLB21A107M(45) Datasheet(HTML) 4 Page - NEC

  PSLB21A107M(45) Datasheet HTML 1Page - NEC PSLB21A107M(45) Datasheet HTML 2Page - NEC PSLB21A107M(45) Datasheet HTML 3Page - NEC PSLB21A107M(45) Datasheet HTML 4Page - NEC PSLB21A107M(45) Datasheet HTML 5Page - NEC PSLB21A107M(45) Datasheet HTML 6Page - NEC PSLB21A107M(45) Datasheet HTML 7Page - NEC PSLB21A107M(45) Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
13
í PERFORMANCE CHARACTERISTICS
Test Conditions : Conform to IEC 60384-1
at 105℃
at 85℃
at 120 Hz
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
Reflow soldering method 240℃,
10 sec.Max.
13V
8V
10V
20V
12.8V
16V
23V
16V
20V
29V
20V
25V
5.2V
3.3V
4V
8V
5V
6.3V
3.3V
2V
2.5V
Lower than initial
specification
Parts shall be temperature cycled
over a temperature range of –55 to
+105℃, five times continuously as
follow.
Step 1: –55 ℃, 30±3min.
Step 2: room temp. , 10 to 15min.
Step 3: 105 ℃, 30±3min.
Step 4: room temp, 10 to 15min.
at 40℃
at 90 to 95% RH
500 hour
at 85℃
at rated voltage
1000 hour
Strength : 4.9N
Time : 10±0.5sec.
(two directions)
Lower than initial
specification
Lower than initial
specification
PERFORMANCE
TEST CONDITION
Dissipation Factor
DC Leakage Current (L.C)
Capacitance tolerance
Capacitance
Surge voltage (V.dc)
Derated voltage (V.dc)
Rated voltage (V.dc)
Operating temperature
–55℃ to +105℃
ITEM
Surge voltage test
2.2 F to 1000 F
L.C
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 120 Hz
±20%
λ0 = 1% / 1000 hour
Visual:
There shall be no evidence of mechanical damage
Refer to Standard Ratings
from +30% to –20%
Refer to Standard Ratings
at 85℃: rated voltage
at 105℃: derated voltage
1000 hour
Lower than initial
specification
Lower than 1.5 times initial
specification
Endurance I
Lower than initial
specification
Refer to Standard Ratings
Lower than 3 times initial
specification
Endurance II
Damp heat
Failure Rate
Terminal Strength
Lower than 1.5 times initial
specification
Voltage:
Rated voltage for 5min.
Temperature : 85±2℃
Applied voltage : Surge voltage
Series resistance : 33 ohm
Duration of surge : 30±5 sec
Time between surge : 5.5min.
Number of cycle : 1000
0.1C • V( A) or 3 A (J case:10 A) , whichever is greater
Lower than initial
specification
Lower than initial
specification
Capacitance change
DF(%)
Rapid change of
temperature
Resistance to Soldering
heat
Characteristic
at high and low
temperature
Lower than 1.3 times initial
specification
–55℃
+105℃
from 0 to –20%
from 0 to +50%
Lower than initial
specification
Refer to Standard Ratings
Lower than initial
specification
Lower than 1.5 times
initial specification
Lower than 10 times
initial specification
Step 1: 25±2℃
Step 2: –55 ℃
Step 3: 25±2℃
Step 4: 105 ℃
0
–3
0
–3
0
–3
0
–3
Permissible ripple current
Refer to Ratings Table
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
Conform to IEC60384–1
Conform to IEC60384–1
Others
at 105℃
at Derated voltage
1000 hour
————
Derated voltage at 85℃ at more
*1
Equivalent Series Resistance
Rated voltage 2.5 to 16V: at 85℃
Rated voltage over 20V: at 15 to 35℃
[UT] = [UR] –
[UR] – [UC]
20
Reference : Derated voltage (85 to 105
°C)
[UT] : Derated voltage at operating temperature
[UR] : Rated voltage
[UC] : Derated voltage at 105
°C
T : Operating temperature
(T–85)
5HIHUWRWKHSDJH´127(62186,1*1HR&DSDFLWRU0RXQWLQJ  5HÁRZVROGHULQJ E 7HPSHUDWXUHDQGWLPHµ


Similar Part No. - PSLB21A107M(45)

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLB21A107M(45)

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com