Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC373 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL74HC373
Description  Octal 3-State Noninverting Transparent Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC373 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL74HC373 Datasheet HTML 1Page - System Logic Semiconductor SL74HC373 Datasheet HTML 2Page - System Logic Semiconductor SL74HC373 Datasheet HTML 3Page - System Logic Semiconductor SL74HC373 Datasheet HTML 4Page - System Logic Semiconductor SL74HC373 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL74HC373
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-Level
Output Voltage
VIN=VIH or VIL
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
I
OUT
 ≤ 6.0 mA
I
OUT
 ≤ 7.8 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-Level
Output Voltage
VIN= VIL or VIH
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIL or VIH
I
OUT
 ≤ 6.0 mA
I
OUT
 ≤ 7.8 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
IOZ
Maximum Three-State
Leakage Current
Output in High-Impedance
State
VIN= VIL or VIH
VOUT=VCC or GND
6.0
±0.5
±5.0
±10
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0
µA
6.0
4.0
40
160
µA


Similar Part No. - SL74HC373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
SL74HC374D SLS-SL74HC374D Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
SL74HC374N SLS-SL74HC374N Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
More results

Similar Description - SL74HC373

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
Motorola, Inc
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
   Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A Datasheet
199Kb / 8P
   Octal 3-State Noninverting Transparent Latch
May, 2000 ??Rev. 9
MC74HC573A ONSEMI-MC74HC573A_14 Datasheet
121Kb / 7P
   Octal 3-State Noninverting Transparent Latch
August, 2014 ??Rev. 16
logo
Integral Corp.
IN74HC573 INTEGRAL-IN74HC573 Datasheet
117Kb / 5P
   Octal 3-State Noninverting Transparent Latch
IN74ACT573 INTEGRAL-IN74ACT573 Datasheet
233Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC573A KODENSHI-KK74HC573A Datasheet
274Kb / 6P
   Octal 3-State Noninverting Transparent Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com