Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSLV1C336M Datasheet(PDF) 5 Page - NEC

Part # PSLV1C336M
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLV1C336M Datasheet(HTML) 5 Page - NEC

  PSLV1C336M Datasheet HTML 1Page - NEC PSLV1C336M Datasheet HTML 2Page - NEC PSLV1C336M Datasheet HTML 3Page - NEC PSLV1C336M Datasheet HTML 4Page - NEC PSLV1C336M Datasheet HTML 5Page - NEC PSLV1C336M Datasheet HTML 6Page - NEC PSLV1C336M Datasheet HTML 7Page - NEC PSLV1C336M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
14
2.5
22
P
PSLP0E226M
5.5
6
200
354
6
9
±20%
±20%
33
A2
PSLA20E336M
8.3
6
150
632
6
9
±20%
±20%
47
A2
PSLA20E476M
11.7
6
150
632
6
9
±20%
±20%
100
A
PSLA0E107M
25
8
100
866
8
12
±20%
±20%
100
A
PSLA0E107M(45)
25
8
45
1291
8
12
±20%
±20%
100
A
PSLA0E107M(35)
25
8
35
1464
8
12
±20%
±20%
100
B3
PSLB30E107M
25
8
70
1035
8
12
±20%
±20%
220
A
PSLA0E227M(45)
55
8
45
b
1291
b
8
12
±20%
±20%
220
A
PSLA0E227M(35)
55
8
35
b
1464
b
8
12
±20%
±20%
220
A
PSLA0E227M(25)
55
8
25
1732
8
12
±20%
±20%
220
B2
PSLB20E227M
55
8
45
1374
8
12
±20%
±20%
220
B2
PSLB20E227M(35)
55
8
35
1558
8
12
±20%
±20%
220
B2
PSLB20E227M(25)
55
8
25
1844
8
12
±20%
±20%
220
B2
PSLB20E227M(21)
55
8
21
2012
8
12
±20%
±20%
220
B2
PSLB20E227M(15)
55
8
15
b
2380
b
8
12
±20%
±20%
330
B2
PSLB20E337M
82.5
8
45
1374
8
12
±20%
±20%
330
B2
PSLB20E337M(35)
82.5
8
35
1558
8
12
±20%
±20%
330
B2
PSLB20E337M(21)
82.5
8
21
2012
8
12
±20%
±20%
330
B2
PSLB20E337M(15)
82.5
8
15
b
2380
b
8
12
±20%
±20%
330
C
PSLC0E337M
82.5
10
55
1414
10
15
±20%
±20%
330
C
PSLC0E337M(45)
82.5
10
45
1563
10
15
±20%
±20%
330
C
PSLC0E337M(25)
82.5
10
25
2098
10
15
±20%
±20%
330
C
PSLC0E337M(18)
82.5
10
18
2472
10
15
±20%
±20%
330
V
PSLV0E337M
82.5
10
25
2236
10
15
±20%
±20%
330
V
PSLV0E337M(15)
82.5
10
15
2887
10
15
±20%
±20%
330
V
PSLV0E337M(12)
82.5
10
12
3227
10
15
±20%
±20%
470
V
PSLV0E477M(15)
117.5
10
15
2887
10
15
±20%
±20%
470
V
PSLV0E477M(12)
117.5
10
12
3227
10
15
±20%
±20%
680
D
PSLD0E687M
170
10
25
2449
10
15
±20%
±20%
680
D
PSLD0E687M(15)
170
10
15
3162
10
15
±20%
±20%
680
D
PSLD0E687M(12)
170
10
12
3536
10
15
±20%
±20%
1000
D
PSLD0E108M
250
10
25
2449
10
15
±20%
±20%
1000
D
PSLD0E108M(15)
250
10
15
3162
10
15
±20%
±20%
4
10
J
PSLJ0G106M
10
4
300
183
4
6
±20%
±20%
10
P
PSLP0G106M
4
6
200
354
6
9
±20%
±20%
10
A
PSLA0G106M
4
6
200
612
6
9
±20%
±20%
22
P
PSLP0G226M
8.8
6
200
354
6
9
±20%
±20%
22
A2
PSLA20G226M
8.8
6
200
548
6
9
±20%
±20%
22
B2
PSLB20G226M
8.8
8
150
753
8
12
±20%
±20%
33
A2
PSLA20G336M
13.2
6
150
632
6
9
±20%
±20%
33
A
PSLA0G336M
13.2
6
180
645
6
9
±20%
±20%
47
A
PSLA0G476M
18.8
6
180
645
6
9
±20%
±20%
47
B3
PSLB30G476M
18.8
8
70
1035
8
12
±20%
±20%
68
A
PSLA0G686M
27.2
6
180
645
6
9
±20%
±20%
68
C2
PSLC20G686M
27.2
8
55
1279
8
12
±20%
±20%
68
C
PSLC0G686M
27.2
9
100
1049
9
14
±20%
±20%
100
A
PSLA0G107M
40
8
100
866
8
12
±20%
±20%
100
A
PSLA0G107M(45)
40
8
45
1291
8
12
±20%
±20%
100
A
PSLA0G107M(35)
40
8
35
1464
8
12
±20%
±20%
100
A
PSLA0G107M(25)
40
8
25
1732
8
12
±20%
±20%
100
B3
PSLB30G107M
40
8
70
1035
8
12
±20%
±20%
100
B2
PSLB20G107M
40
8
70
1102
8
12
±20%
±20%
100
B2
PSLB20G107M(45)
40
8
45
1374
8
12
±20%
±20%
100
B2
PSLB20G107M(35)
40
8
35
1558
8
12
±20%
±20%
100
C2
PSLC20G107M
40
9
55
1279
9
14
±20%
±20%
150
B2
PSLB20G157M
60
8
45
1374
8
12
±20%
±20%
150
B2
PSLB20G157M(35)
60
8
35
1558
8
12
±20%
±20%
150
B2
PSLB20G157M(25)
60
8
25
1844
8
12
±20%
±20%
150
C
PSLC0G157M
60
9
100
1049
9
14
±20%
±20%
220
B2
PSLB20G227M
88
8
45
1374
8
12
±20%
±20%
220
B2
PSLB20G227M(35)
88
8
35
1558
8
12
±20%
±20%
220
B2
PSLB20G227M(25)
88
8
25
1844
8
12
±20%
±20%
220
B2
PSLB20G227M(15)
88
8
15
2380
8
12
±20%
±20%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
Leakage
Current
( F)
( A)
DF
(%)
(m )
ESR
Permissible
Ripple
Current
(mA rms.)
Rated
Capacitance Change
+105℃
at Endurance
Soldering Heat
at Resistance to
at Surge Voltage
Max
Max
Max
DF (%) Max
-55℃
Max *1
*1
í STANDARD RATINGS
*1: Measure frequency
z: 300kHz, none: 100 kHz


Similar Part No. - PSLV1C336M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLV1C336M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com