Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB64-101 Datasheet(PDF) 4 Page - NEC

Part # SSB64-101
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB64-101 Datasheet(HTML) 4 Page - NEC

  SSB64-101 Datasheet HTML 1Page - NEC SSB64-101 Datasheet HTML 2Page - NEC SSB64-101 Datasheet HTML 3Page - NEC SSB64-101 Datasheet HTML 4Page - NEC SSB64-101 Datasheet HTML 5Page - NEC SSB64-101 Datasheet HTML 6Page - NEC SSB64-101 Datasheet HTML 7Page - NEC SSB64-101 Datasheet HTML 8Page - NEC SSB64-101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
Power Inductors VOL.10
4
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
P98
SBCP-11HY Coils
P100
SBCP-14HY Coils
P102
SBPSC Coils
EMI suppressors
Sheet Type
Magnetic Shields/
Absorbing Materials
FLEX SUPPRESSOR®
Film ImpedorTM
RingType
Snap-on Type
Flat Type
Bead Type
EMI Core
Toroidal Cores (Bare Type)
P8
Toroidal Cores (Coated Type)
P12
Toroidal Cores with Case
P14
Toroidal Cores with Snail-shaped Case
P16
Snap-on Cores for Round Cables
P18
Solid / Split Cores
for Round Cables
P20
Snap-on Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-SR-H Series
P7
Toroidal Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-R-H Series
P6
Bead Cores
P28
New Products
P8
SH Series
P10
SHO Series
P11
SBT-03 W Series
P12
SBT-01 W Series
P13
Toroidal Cores with Wound Cables
P17
DIP Noise Filters
D-37C, 40C, 42C, 45C, 47C
P16
DIP Noise Filters
D-16C
P14
DIP Noise Filters D-03C, 03C1, 05N1,
07C1, 08C2, 08C2A
P19
DIP Noise Filters
D-55C, 58C
P20
Noise Filters for Telephone Sets
LFT, HFT, SZ-03
P21
Noise Filters for Telephone Sets
ST-101, 201, 202, 202S
P22
Noise Filters for Telephone Sets
ST-101A, 201A, 202A
P23
Noise Filters for Telephone Sets
ST-110AV, 110AH, 110BV, 110BH
P24
Noise Filters for Telephone Sets
ST-101F2, 101F4
P25
Noise Filters for Telephone Sets
ST-104A4, 204A series
P27
SNT Series
P26
SBT Series
Commom Mode
Power Line
DIP Type
Commom Mode
Signal Line
Commom Mode
for Telephone Sets
Normal Mode
DC Line Filters
P28
Bead Inductors (Lead Type)
P31
Bead Inductors (Winding Type)
(Continued)


Similar Part No. - SSB64-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSB-0218 ETC2-SSB-0218 Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
SSB-0218L ETC2-SSB-0218L Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
logo
LUMEX INC.
SSB-CEL187USBW LUMEX-SSB-CEL187USBW Datasheet
175Kb / 1P
   18.04mm X 8.0mm V.A Custom LED BACKLIGHT 2 CHIPS
More results

Similar Description - SSB64-101

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com