Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8807
Description  HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8807 Datasheet HTML 1Page - Diodes Incorporated AL8807 Datasheet HTML 2Page - Diodes Incorporated AL8807 Datasheet HTML 3Page - Diodes Incorporated AL8807 Datasheet HTML 4Page - Diodes Incorporated AL8807 Datasheet HTML 5Page - Diodes Incorporated AL8807 Datasheet HTML 6Page - Diodes Incorporated AL8807 Datasheet HTML 7Page - Diodes Incorporated AL8807 Datasheet HTML 8Page - Diodes Incorporated AL8807 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AL8807
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807
Document number: DS35281 Rev. 4 - 2
1 of 21
www.diodes.com
June 2012
© Diodes Incorporated
Description
The AL8807 is a step-down DC/DC converter designed to
drive LEDs with a constant current. The device can drive up
to 9 LEDs, depending on the forward voltage of the LEDs, in
series from a voltage source of 6V to 36V. Series connection
of the LEDs provides identical LED currents resulting in
uniform brightness and eliminating the need for ballast
resistors. The AL8807 switches at frequency up to 1MHz with
controlled rise and fall times to reduce EMI. This allows the
use of small size external components, hence minimizing the
PCB area needed.
Maximum output current of AL8807 is set via an external
resistor connected between the VIN and SET input pins.
Dimming is achieved by applying either a DC voltage or a
PWM signal at the CTRL input pin. An input voltage of 0.4V
or lower at CTRL switches off the output MOSFET simplifying
PWM dimming.
Features
LED driving current up to 1.3A (MSOP-8EP)
Better than 5% accuracy
High efficiency up to 96%
Optimally controlled switching speeds
Operating input voltage from 6V to 36V
PWM/DC input for dimming control
Built-in output open-circuit protection
SOT25: Available in “Green” Molding Compound (No Br,
Sb) with lead Free Finish/ RoHS Compliant (Note 1)
MSOP-8EP Available in “Green” Molding Compound (No
Br, Sb) with lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
Applications
MR16 lamps
General illumination lamps
12V powered LED Lamps
24V powered LED Lamps
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2). All applicable RoHS exemptions applied.Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
SOT25
(Top View)
SW
GND
CTRL
SET
V
IN
(Top View)
MSOP-8EP
SET
GND
GND
CTRL
V
IN
N/C
SW
SW
 
100 nF
C1
1µF
C4
D1
DFLS 2100
D2
DFLS 2100
D3
DFLS 2100
D5
DFLS 2100
D4
DFLS 2100
GND
SW
GND
CTRL
U1
AL8807
0R15
R1
L1
33µH
100nF
C5
150µF
C2
150µF
C3
P1
P2
ANODE
CATHODE


Similar Part No. - AL8807

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807A DIODES-AL8807A Datasheet
566Kb / 20P
   HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
AL8807AE5TA DIODES-AL8807AE5TA Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807AMP-13 DIODES-AL8807AMP-13 Datasheet
566Kb / 20P
   HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
More results

Similar Description - AL8807

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807A DIODES-AL8807A Datasheet
566Kb / 20P
   HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8808 DIODES-AL8808 Datasheet
3Mb / 20P
   COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2610 GMT-G2610 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com