Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP25X1FGE-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP25X1FGE-7
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP25X1FGE-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP25X1FGE-7 Datasheet HTML 4Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 5Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 6Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 7Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 8Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 9Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 10Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 11Page - Diodes Incorporated AP25X1FGE-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 5 - 2
8 of 18
www.diodes.com
August 2012
© Diodes Incorporated
AP2501/AP2511
Typical Performance Characteristics (cont.)
3.5
3.0
2.0
2.5
6.0
5.0
4.0
4.5
5.5
INPUT VOLTAGE (V)
Turn-Off Time vs. Input Voltage
180
200
160
140
120
100
80
60
40
20
0
C = 1µF
R = 5
T = 25°C
L
L
A
Ω
3.5
3.0
2.0
2.5
6.0
5.0
4.0
4.5
5.5
INPUT VOLTAGE (V)
Rise Time vs. Input Voltage
900
1000
800
700
600
500
400
300
200
100
0
C = 1µF
R = 5
T = 25°C
L
L
A
Ω
3.5
3.0
2.0
2.5
6.0
5.0
4.0
4.5
5.5
INPUT VOLTAGE (V)
Rise Time vs. Input Voltage
90
100
80
70
60
50
40
30
20
10
0
C = 1µF
R = 5
T = 25°C
L
L
A
Ω
TEMPERATURE ( C)
Supply Current, Output Enabled vs. Temperature
°
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
V
= 5V
IN
V
= 5.5V
IN
V
=3.3V
IN
V
= 2.7V
IN
TEMPERATURE ( C)
Supply Current, Output Disabled vs. Temperature
°
-50
-25
0
25
50
75
100
125
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-0.20
-0.25
-0.30
V
= 5V
IN
V
= 5.5V
IN
V
=3.3V
IN
V
= 2.7V
IN
3.5
3.0
2.0
2.5
6.0
5.0
4.0
4.5
5.5
INPUT VOLTAGE (V)
Turn-On Time vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
130
140
150
100
110
120
C = 1µF
R = 5
T = 25°C
L
L
A
Ω


Similar Part No. - AP25X1FGE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP25X1AFGE-7 DIODES-AP25X1AFGE-7 Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP25X1AM8-13 DIODES-AP25X1AM8-13 Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP25X1AMP-13 DIODES-AP25X1AMP-13 Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP25X1AS-13 DIODES-AP25X1AS-13 Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP25X1ASN-7 DIODES-AP25X1ASN-7 Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
More results

Similar Description - AP25X1FGE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
   2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2501M8-13 DIODES-AP2501M8-13 Datasheet
509Kb / 18P
   2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2501A DIODES-AP2501A Datasheet
788Kb / 19P
   2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com