Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99BRVA-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV99BRVA-7
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99BRVA-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV99BRVA-7 Datasheet HTML 1Page - Diodes Incorporated BAV99BRVA-7 Datasheet HTML 2Page - Diodes Incorporated BAV99BRVA-7 Datasheet HTML 3Page - Diodes Incorporated BAV99BRVA-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99BRV(A)
Document number: DS35312 Rev. 5 - 2
1 of 4
www.diodes.com
April 2012
© Diodes Incorporated
BAV99BRV/VA
SURFACE MOUNT SWITCHING DIODE ARRAY
Features
Fast Switching Speed
Low Forward Voltage: Maximum of 0.715V at 1mA
Fast Reverse Recovery: Maximum of 4ns
Low Capacitance: Maximum of 1.5pF
Ultra-Small Surface Mount Package
Thermally Efficient Copper Alloy leadframe for High Power
Dissipation
Two “BAV99” Circuits In One Package
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 2 & 3)
Mechanical Data
Case: SOT563
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper Alloy
leadframe (Lead Free Plating). Solderable per MIL-STD-202,
Method 208
Polarity: See Diagram
Weight: 0.003 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAV99BRV-7
SOT563
3000/Tape & Reel
BAV99BRVA-7
SOT563
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
 
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT563
BAV99BRV
xxx = Product Type Marking Code:
XJG = BAV99BRV
XJA = BAV99BRVA
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
Bottom View
BAV99BRVA
AC
1
AC
2
C
2
A
1
A
2
C
1
AC
1
AC
2
C
2
A
1
A
2
C
1
xxx
YM


Similar Part No. - BAV99BRVA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99BRLP-7 DIODES-BAV99BRLP-7 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Micro Commercial Compon...
BAV99BRW MCC-BAV99BRW Datasheet
242Kb / 3P
   200mW 75Volt Plastic-Encapsulate Diode
logo
Shenzhen Luguang Electr...
BAV99BRW LUGUANG-BAV99BRW Datasheet
323Kb / 2P
   Surface Mount Fast Switching Diodes
More results

Similar Description - BAV99BRVA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56DW DIODES-BAW56DW_15 Datasheet
189Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
   Surface Mount Switching Diode Array
MMBD4148TW SECOS-MMBD4148TW_15 Datasheet
158Kb / 2P
   Surface Mount Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com