Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC1-1R5-292 Datasheet(PDF) 8 Page - NEC

Part # SBC1-1R5-292
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBC1-1R5-292 Datasheet(HTML) 8 Page - NEC

Back Button SBC1-1R5-292 Datasheet HTML 4Page - NEC SBC1-1R5-292 Datasheet HTML 5Page - NEC SBC1-1R5-292 Datasheet HTML 6Page - NEC SBC1-1R5-292 Datasheet HTML 7Page - NEC SBC1-1R5-292 Datasheet HTML 8Page - NEC SBC1-1R5-292 Datasheet HTML 9Page - NEC SBC1-1R5-292 Datasheet HTML 10Page - NEC SBC1-1R5-292 Datasheet HTML 11Page - NEC SBC1-1R5-292 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
SMD Type
Power Inductors VOL.10
8
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type Inductors
Series name
Major features and applications
Page
Dimensions
(mm)
Inductance
(
μH)
Rated current
(A)
MPC Series
8×6.7×4∼5
11.5×10×4
11.7×10×5.5
14.5×12.5×5
0.42∼0.6
0.36∼0.88
0.36、1
0.36∼0.5
17∼22
17∼25.5
18.5∼32
35∼38
9
HighSpeed/large current DC/DC Converter
P
・ I-LM Series
12.7×10.2×6
8.2∼220
0.5∼2.3
53
P
・ I-LS Series
9.5×7×5
3.3∼47
0.7∼2
53
P
・ H-LM Series
12.7×10.2×6
82∼150
0.7∼1.2
55
SN-S3M Series
10×7×4.7
0.8∼23
0.5∼2
PLC 0735 Series
7.5×8×3.5
2∼33
1.6∼5
PLC 0745 Series
7.5×8×4.5
2∼33
1.7∼5.1
PLC 0755 Series
7.5×8×5.5
2∼33
1.9∼6.4
PLC 0760 Series
7.5×8×6
2∼33
1.9∼6.5
PLC 1035 Series
10.2×10.7×3.5
2∼33
1.5∼6
PLC 1045 Series
10.2×10.7×4.5
2∼33
2.2∼6.9
PLC 1055 Series
10.2×10.7×5.5
2∼33
2.7∼8.2
PLC 1060 Series
10.2×10.7×6
2∼33
2.3∼6.7
PLC 1235 Series
12.5×13×3.5
2∼33
1.8∼6.7
PLC 1245 Series
12.5×13×4.5
2∼33
2.9∼7.4
PLC 1255 Series
12.5×13×5.5
2∼33
3.4∼7.8
57
20
23
26
29
32
35
38
41
44
47
50
H
・ DI-0520 Series
5×5×1.8
1.2∼100
0.2∼3.4
59
H
・ DI-0630 Series
6×5.9×2.8
1.3∼100
0.45∼2.7
61
H
・ DI-0740 Series
7.1×7.1×3.8
1.2∼100
0.5∼4.5
63
H
・ DI-0940 Series
9.5×9.5×4
6.8∼1000
0.28∼3.4
65
H
・ DI-1040 Series
10.2×10.2×3.8
1.5∼100
1.3∼7.3
67
H
・ DI-1240 Series
12.5×12.5×4
2.2∼1000
0.35∼5.1
69
H
・ DI-1245G Series
12.5×12.5×4.5
10∼220
0.85∼4.5
71
H
・ DI-1280G Series
12.5×12.5×8
1.7∼220
1.3∼8.5
73
Compact size, noise suppression
Magnetic shielded type, DC/DC converters
Magnetic shielded type, DC/DC converters
H
・ LI-0505 Series
5.7×5.7×5.3
2∼5mH
40∼100mA
75
SSB15 Series
11.6×14×8.5
1∼1000
0.29∼10
77
SSB14 Series
11.6×14×7
1∼1000
0.23∼7
77
SSB84 Series
8.3×10×6
1∼1000
0.18∼2.3
78
SSB64 Series
6.3×8×6
1∼1000
0.14∼1.7
78
SSB44 Series
4.8×6.5×5.5
1∼680
0.1∼1.9
78
Standard type, non-shielded type
Compact size, high reliability,
smoothing inductors for automotives
P
・ I-ZM Series
12.7×10.2×6
2.7∼330
0.5∼2.9
53
P
・ I-ZS Series
9.5×7×5
1.2∼8.2
0.6∼3
53
Compact size, high reliability,
noise suppression for automotives
Compact size, high reliability,
smoothing inductors for automotives
Magnetic shielded type, compact and high inductance
DC/DC converters for notebook PCs
C
・PI Series
13.5×14×5.5∼6.5
12.5×13.3×5
10×10.4×5
0.7∼2.7
0.55
0.55∼2.7
13∼26
25
9∼19
17
MPLC Series
7.7×6.7×3
11.5×10×4
1∼4.7
1∼4.7
5∼10.6
8∼14.3
15
Large-Current Inductors
MPCG Series
8×6.7×4
11.5×10×4
0.42
0.36∼0.45
22
25
13
HighSpeed/large current DC/DC Converter


Similar Part No. - SBC1-1R5-292

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBC1-1R5-292 KEMET-SBC1-1R5-292 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
SBC1-1R5-292 KEMET-SBC1-1R5-292 Datasheet
76Kb / 1P
   KEMET, SBC1, Power, 1500 nH, 20%, 3mm
More results

Similar Description - SBC1-1R5-292

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com