Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11533 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11533
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11533 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11533 Datasheet HTML 1Page - Texas Instruments 74ACT11533 Datasheet HTML 2Page - Texas Instruments 74ACT11533 Datasheet HTML 3Page - Texas Instruments 74ACT11533 Datasheet HTML 4Page - Texas Instruments 74ACT11533 Datasheet HTML 5Page - Texas Instruments 74ACT11533 Datasheet HTML 6Page - Texas Instruments 74ACT11533 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54ACT11533, 74ACT11533
OCTAL DTYPE TRANSPARENT LATCHES
WITH 3STATE OUTPUTS
SCAS017A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2−4
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
54ACT11533
74ACT11533
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, C high
5
5
5
ns
tsu
Setup time, data before C
3.5
3.5
3.5
ns
th
Hold time, data after C
3.5
3.5
3.5
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT11533
74ACT11533
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
7
10.1
1.5
11.9
1.5
11.3
ns
tPHL
D
Q
1.5
6.5
8.4
1.5
10.2
1.5
9.5
ns
tPLH
C
Any Q
1.5
8.5
11.3
1.5
14.1
1.5
13
ns
tPHL
C
Any Q
1.5
8.5
10.7
1.5
13.2
1.5
12.2
ns
tPZH
OC
Any Q
1.5
7.5
10.7
1.5
13.6
1.5
12.5
ns
tPZL
OC
Any Q
1.5
7.5
10.9
1.5
12.9
1.5
12
ns
tPHZ
OC
Any Q
1.5
10.5
12.1
1.5
13.1
1.5
12.8
ns
tPLZ
OC
Any Q
1.5
7.5
9.5
1.5
10.7
1.5
10.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per latch
Outputs enabled
CL = 50 pF,
f = 1 MHz
69
pF
Cpd
Power dissipation capacitance per latch
Outputs disabled
CL = 50 pF,
f = 1 MHz
58
pF


Similar Part No. - 74ACT11533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11534 TI1-74ACT11534 Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11534DW TI1-74ACT11534DW Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11534NT TI1-74ACT11534NT Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11533

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com