Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16648 Datasheet(PDF) 8 Page - Texas Instruments

Part # 74ACT16648
Description  16-BIT TRABSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16648 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74ACT16648 Datasheet HTML 2Page - Texas Instruments 74ACT16648 Datasheet HTML 3Page - Texas Instruments 74ACT16648 Datasheet HTML 4Page - Texas Instruments 74ACT16648 Datasheet HTML 5Page - Texas Instruments 74ACT16648 Datasheet HTML 6Page - Texas Instruments 74ACT16648 Datasheet HTML 7Page - Texas Instruments 74ACT16648 Datasheet HTML 8Page - Texas Instruments 74ACT16648 Datasheet HTML 9Page - Texas Instruments 74ACT16648 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
54ACT16648, 74ACT16648
16BIT TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCAS188A − MAY 1991 − REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54ACT16648
74ACT16648
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
75
75
75
MHz
tPLH
A or B
B or A
2.4
7.2
9.8
2.4
11
2.4
11
ns
tPHL
A or B
B or A
3.8
7.7
10.1
3.8
11.2
3.8
11.2
ns
tPZH
OE
A or B
2.9
7.9
10.7
2.9
12
2.9
12
ns
tPZL
OE
A or B
3.6
9.1
12.1
3.6
13.7
3.6
13.7
ns
tPHZ
OE
A or B
5.2
8.1
9.7
5.2
10.4
5.2
10.4
ns
tPLZ
OE
A or B
4.7
7.3
9.1
4.7
9.9
4.7
9.9
ns
tPLH
CLKBA or CLKAB
A or B
4.4
8.5
11.3
4.4
12.7
4.4
12.7
ns
tPHL
CLKBA or CLKAB
A or B
4.6
8.8
11.4
4.6
12.7
4.6
12.7
ns
tPLH
SBA or SAB†
A or B
3.8
7.5
10
3.8
11.3
3.8
11.3
ns
tPHL
SBA or SAB†
(with A or B high)
A or B
5.1
11.4
12.7
5.1
16.6
5.1
16.6
ns
tPLH
SBA or SAB†
A or B
4.5
10.6
13.9
4.5
15.8
4.5
15.8
ns
tPHL
SBA or SAB†
(with A or B low)
A or B
4.3
8.3
10.8
4.3
11.9
4.3
11.9
ns
tPZH
DIR
A or B
2.8
7.8
10.7
2.8
11.9
2.8
11.9
ns
tPZL
DIR
A or B
3.7
9.3
12.2
3.7
13.7
3.7
13.7
ns
tPHZ
DIR
A or B
4.6
8.6
10.9
4.6
11.5
4.6
11.5
ns
tPLZ
DIR
A or B
4
7.4
9.7
4
10.4
4
10.4
ns
† These parameters are measured with the internal output state of the storage registers opposite that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
63
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74ACT16648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16640 TI-74ACT16640 Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16640 TI-74ACT16640 Datasheet
111Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16640DL TI-74ACT16640DL Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16640DLR TI-74ACT16640DLR Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16646 TI-74ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com