Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP21D0UFD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP21D0UFD
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP21D0UFD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP21D0UFD Datasheet HTML 1Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 2Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 3Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 4Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 5Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 6Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 7Page - Diodes Incorporated DMP21D0UFD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMP21D0UFD
Datasheet Number: DS35364 Rev. 4 - 2
5 of 8
www.diodes.com
March 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP21D0UFD
0
0.4
0.8
1.2
1.6
2.0
Fig. 6 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN-SOURCE CURRENT (A)
D
0
0.2
0.4
0.6
0.8
V
= -1.5V
GS
V
= -1.8V
GS
V
= -2.5V
GS
V
= -4.5V
GS
1.0
-I , DRAIN CURRENT (A)
D
Fig. 7 Typical On-Resistance
vs. Drain Current and Temperature
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
1.0
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
1.0
-I , DRAIN CURRENT (A)
D
Fig. 8 Typical On-Resistance
vs. Drain Current and Temperature
0
0.2
0.4
0.6
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
V
= -1.8V
GS
T = 85°C
A
1.0
1.2
-I , DRAIN CURRENT (A)
D
Fig. 9 Typical On-Resistance
vs. Drain Current and Temperature
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
V
= -1.5V
GS
T = 85°C
A
1.0
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 10 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 2.5V
I = 250mA
GS
D
V
= 5.0V
I = 500mA
GS
D
V
= -1.5V
I = -50mA
GS
D
V
= -1.8V
I = -100mA
GS
D
Fig. 11 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
= -1.5V
I = -50mA
GS
D
V
= 5.0V
I = -500mA
GS
D
V
= 2.5V
I = 250mA
GS
D


Similar Part No. - DMP21D0UFD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP21D0UFD DIODES-DMP21D0UFD_15 Datasheet
236Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP21D0UFD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com