Electronic Components Datasheet Search |
|
SBC3-150-232 Datasheet(PDF) 9 Page - NEC |
|
SBC3-150-232 Datasheet(HTML) 9 Page - NEC |
9 / 104 page SMD Type ・ Precautions (see page 82) Model Inductance (μH) at 100kHz DC resistance (mΩ)typ. Rated current(A) *1 T=40K rise at rated current. *2 Inductance drop 20% at rated current. ●Operating temperature range: −20∼+120℃ (Include self temperature rise) Large-Current Power Inductors MPC Series [RoHS Compliant] Large-Current Power Inductors MPC Series [RoHS Compliant] MPC0740LR42C MPC0750LR60C MPC1040LR36C MPC1040LR45C MPC1040LR56C MPC1040LR88C MPC1055LR36C MPC1055L1R0C MPC1250LR36C MPC1250LR50C 0.42±20% 0.60±20% 0.36±20% 0.45±20% 0.56±20% 0.88±20% 0.36±20% 1.00±20% 0.36±20% 0.50±20% 1.55±10% 2.30±10% 1.05±10% 1.10±10% 1.30±10% 2.30±10% 0.75±10% 2.30±10% 0.65±10% 0.80±10% 22.0 17.0 25.5 25.0 23.0 17.0 32.0 18.5 38.0 35.0 20.0 19.0 30.0 27.0 25.0 24.0 35.0 21.0 40.0 40.0 Irms *1 (Ref.) Isat *2 (Ref.) ●MPC0740LR42C ●MPC0750LR60C ●MPC1040LR36C ●MPC1040LR45C ●MPC1040LR56C ●MPC1040LR88C ●MPC1055LR36C Shape and Dimensions Recommended Land Pattern 11.5 Max 4.0 Max 3.3 3.3 5.9 (2.1) [Part No] [Lot No] 11.5 Max [Part No] [Lot No] (2.1) 4.0 Max 3.3 3.3 5.9 8.0 Max [Part No] [Lot No] 4.0 Max (1.5) 2.7 3.5 2.7 8.0 Max 5.0 Max (0.1) (1.5) [Part No] [Lot No] 2.7 3.5 2.7 (2.1) 11.7 Max 5.5 Max 3.3 3.3 5.9 [Part No] [Lot No] [mm] Power Inductors VOL.10 9 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 |
Similar Part No. - SBC3-150-232 |
|
Similar Description - SBC3-150-232 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |