Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74SSTUB32865A Datasheet(PDF) 10 Page - Texas Instruments

Part # 74SSTUB32865A
Description  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74SSTUB32865A Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74SSTUB32865A Datasheet HTML 6Page - Texas Instruments 74SSTUB32865A Datasheet HTML 7Page - Texas Instruments 74SSTUB32865A Datasheet HTML 8Page - Texas Instruments 74SSTUB32865A Datasheet HTML 9Page - Texas Instruments 74SSTUB32865A Datasheet HTML 10Page - Texas Instruments 74SSTUB32865A Datasheet HTML 11Page - Texas Instruments 74SSTUB32865A Datasheet HTML 12Page - Texas Instruments 74SSTUB32865A Datasheet HTML 13Page - Texas Instruments 74SSTUB32865A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
74SSTUB32865A
SLAS562 – NOVEMBER 2007
FUNCTION TABLE (continued)
INPUTS
OUTPUTS
Dn,
QODT,
RESET
DCS0
DCS1
CSGateEN
CK
CK
DODTn,
Qn
QCS0
QCS1
QCKE
DCKEn
H
H
H
L
L or H
L or H
X
Q0
Q0
Q0
Q0
H
H
H
H
L
Q0
H
H
L
H
H
H
H
H
Q0
H
H
H
H
H
H
H
L or H
L or H
X
Q0
Q0
Q0
Q0
L
X or floating X or floating X or floating
X or floating
X or floating
X or floating
L
L
L
L
PARITY AND STANDBY FUNCTION
INPUTS
OUTPUT
RESET
CK
CK
DCS0
DCS1
Σ OF INPUTS = H
PARIN(1)
PTYERR(2)
D1–D22
H
L
X
Even
L
H
H
L
X
Odd
L
L
H
L
X
Even
H
L
H
L
X
Odd
H
H
H
X
L
Even
L
H
H
X
L
Odd
L
L
H
X
L
Even
H
L
H
X
L
Odd
H
H
H
H
H
X
X
PTYERR 0
(3)
H
L or H
L or H
X
X
X
X
PTYERR 0
L
X or floating
X or floating
X or floating
X or floating
X
X or floating
(1)
PARIN arrives one clock cycle after the data to which it applies.
(2)
This transition assumes that PTYERR is high at the crossing of CK going high and CK going low. If PTYERR goes low, it stays latched
low for a minimum of two clock cycles or until RESET is driven low. If two or more consecutive errors occur, the PTYERR output is
driven low and latched low for a clock duration equal to the parity error duration or until RESET is driven low. For PTYERR computation
CSGateEN is a don't care.
(3)
If DCS0, DCS1 and CSGateEN are driven high, the device is placed in a low-power mode (LPM). If a parity error occurs on the clock
cycle before the device enters the LPM and the PTYERR output is driven low, it stays latched low for the LPM duration plus two clock
cycles or until RESET is driven low.
10
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): 74SSTUB32865A


Similar Part No. - 74SSTUB32865A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32865A TI-74SSTUB32865A Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - 74SSTUB32865A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com