Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74SSTUB32868A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74SSTUB32868A
Description  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74SSTUB32868A Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74SSTUB32868A Datasheet HTML 3Page - Texas Instruments 74SSTUB32868A Datasheet HTML 4Page - Texas Instruments 74SSTUB32868A Datasheet HTML 5Page - Texas Instruments 74SSTUB32868A Datasheet HTML 6Page - Texas Instruments 74SSTUB32868A Datasheet HTML 7Page - Texas Instruments 74SSTUB32868A Datasheet HTML 8Page - Texas Instruments 74SSTUB32868A Datasheet HTML 9Page - Texas Instruments 74SSTUB32868A Datasheet HTML 10Page - Texas Instruments 74SSTUB32868A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
D
CLK
R
M2
RESET
M1
CLK
L1
CLK
22
22
D1−D5,
D7,
D9−D12,
D17−D28
22
A5, AB5
VREF
CE
Q1A−Q5A,
Q7A,
Q9A−Q12A,
Q17A−Q28A
22
22
D
Q
R
PAR_IN
CE
L3
QERR
M3
D
CLK
R
K2
QCS0A
K1
DCS0
L7
QCS0B
L2
CSGEN
D
CLK
R
J1
DCS1
J2
QCS1A
L8
QCS1B
ParityGenerator
and
ErrorCheck
22
D1−D5,D7,
D9−D12,
D17−D28
D1−D5,D7,
D9−D12,
D17−D28
D1−D5,D7,
D9−D12,
D17−D28
Q1B−Q5B,
Q7B,
Q9B−Q12B,
Q17B−Q28B
Q
CLK
Q
Q
74SSTUB32868A
www.ti.com.......................................................................................................................................................... SCAS846C – JULY 2007 – REVISED MARCH 2009
Parity Logic Diagram for Register-A Configuration (Positive Logic); C = 0
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): 74SSTUB32868A


Similar Part No. - 74SSTUB32868A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868AZRHR TI1-74SSTUB32868AZRHR Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - 74SSTUB32868A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865A TI1-74SSTUB32865A Datasheet
773Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com