Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69T618TQ5 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM69T618TQ5
Description  64K x 18 Bit Synchronous Pipelined Cache Tag RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69T618TQ5 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM69T618TQ5 Datasheet HTML 1Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 2Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 3Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 4Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 5Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 6Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 7Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 8Page - Motorola, Inc MCM69T618TQ5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCM69T618
4
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
42
DE
Input
Data Enable Input: Latched on the rising clock edge, active low. The data input
register is only updated when DE is low.
8, 9, 12, 13, 18, 19, 22,
23, 24, 58, 59, 62, 63,
68, 69, 72, 73, 74
DQ1 – DQ18
I/O
Synchronous Data I/O: For write cycles, registered on the rising clock edge.
Two cycles after a read command, the read data is output on the DQ pins
provided that G is low. On the same cycle of a write command, the write data
is input on the DQ signals.
86
G
Input
Output Enable: Asynchronous pin, active low. G must be low for read data to
be output two cycles after a read command. If G is high, the data output DQ
will remain in high impedance even if a read command occurs internally.
89
K
Input
Clock: All the signals except G and MG are controlled by the clock.
39
MATCH
Output
Two cycles after a compare cycle and if MG is low, MATCH will be high if the
data presented to the DQ inputs matches the data stored in the RAM. MATCH
will be low if the data does not match.
43
MG
Input
Match Output Enable: Asynchronous pin, active low. When MG is low, the
MATCH output driver is on, otherwise the MATCH output driver is in high
impedance.
32, 33, 34, 35, 36, 37,
44, 45, 46, 47, 48, 80,
81, 82, 99, 100
SA
Input
Synchronous Address Inputs: Registered on the rising clock edge. The
address pins select one of the 64K tag entries.
97
SE0
Input
Synchronous Chip Enable: Registered on the rising clock edge, active high.
98
SE1
Input
Synchronous Chip Enable: Registered on the rising clock edge, active low.
87
SW
Input
Synchronous Write: Registered on the rising clock edge, active low. The SW
input specifies whether a read or write cycle is to occur when the chip is
enabled. A write command should not be issued within three cycles of a read
command unless G is high or output drive contention may occur.
4, 11, 15, 20, 27, 41, 54,
61, 65, 70, 77, 91
VCC
Supply
Power Supply: 3.3 V + 10%, – 5%.
5, 10, 17, 21, 26, 38, 40,
55, 60, 67, 71, 76, 90
VSS
Supply
Ground.
1, 2, 3, 6, 7, 14, 16, 25,
28, 29, 30, 31, 49, 50, 51,
52, 53, 56, 57, 64, 66, 75,
78, 79, 83, 84, 85, 88, 92,
93, 94, 95, 96
NC
No Connection: There is no connection to the chip.


Similar Part No. - MCM69T618TQ5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ10 MOTOROLA-MCM6929AWJ10 Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ10R MOTOROLA-MCM6929AWJ10R Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ12 MOTOROLA-MCM6929AWJ12 Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results

Similar Description - MCM69T618TQ5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1298A CYPRESS-CY7C1298A Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com