Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78HT210HC Datasheet(PDF) 3 Page - Texas Instruments

Part # 78HT210HC
Description  2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78HT210HC Datasheet(HTML) 3 Page - Texas Instruments

  78HT210HC Datasheet HTML 1Page - Texas Instruments 78HT210HC Datasheet HTML 2Page - Texas Instruments 78HT210HC Datasheet HTML 3Page - Texas Instruments 78HT210HC Datasheet HTML 4Page - Texas Instruments 78HT210HC Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
78HT205HC
NRND
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT205SC
NRND
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
78HT205TC
NRND
SIP MOD
ULE
EFT
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT205VC
NRND
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
78HT210HC
OBSOLETE SIP MOD
ULE
EFA
3
TBD
Call TI
Call TI
78HT210SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT210VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78HT233HC
NRND
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT233SC
NRND
SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT233VC
NRND
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT246HC
OBSOLETE SIP MOD
ULE
EFA
3
TBD
Call TI
Call TI
78HT246SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT246VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78HT253SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT253VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78HT265HC
NRND
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT265SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT265TC
NRND
SIP MOD
ULE
EFT
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78HT265VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78HT275HC
OBSOLETE SIP MOD
ULE
EFA
3
TBD
Call TI
Call TI
78HT275SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78HT275VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Similar Part No. - 78HT210HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78HT210HC TI-78HT210HC Datasheet
485Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT210HC TI1-78HT210HC Datasheet
501Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - 78HT210HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78HT200 TI-78HT200 Datasheet
485Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST233 TI-78ST233 Datasheet
216Kb / 1P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT200 TI-PT78HT200 Datasheet
216Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI-78ST200 Datasheet
199Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT205 TI1-PT78HT205 Datasheet
483Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78HT200 TI1-78HT200_09 Datasheet
501Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
[Old version datasheet]   12V 2 Amp Positive Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com