Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78ST112SC Datasheet(PDF) 2 Page - Texas Instruments

Part # 78ST112SC
Description  1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78ST112SC Datasheet(HTML) 2 Page - Texas Instruments

  78ST112SC Datasheet HTML 1Page - Texas Instruments 78ST112SC Datasheet HTML 2Page - Texas Instruments 78ST112SC Datasheet HTML 3Page - Texas Instruments 78ST112SC Datasheet HTML 4Page - Texas Instruments 78ST112SC Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
3
CHARACTERISTIC
DA T A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
1317
2125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
12
1518
212427
3033
3639
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
16
19
22
25
28
31
34
37
40
78ST133_ 3.3 VDC
(See Note 1)
78ST105_ 5.0 VDC (See Note 1)
78ST112_ 12.0 VDC (See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Vin (Volts)
Vin (Volts)
Vin (Volts)
85°C
60°C
70°C
85°C
85°C
70°C
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
60°C
70°C
78ST100
Series
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
60°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.5
1.0
1.5
7.0V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
14.0V
20.0V
25.0V
30.0V
35.0V
Vin


Similar Part No. - 78ST112SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST112SC TI-78ST112SC Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST112SCT TI-78ST112SCT Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - 78ST112SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI-78SR100 Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
[Old version datasheet]   1.5 Amp Negative Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com