Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1278SHFQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278SHFQ
Description  OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278SHFQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1278SHFQ Datasheet HTML 7Page - Texas Instruments ADS1278SHFQ Datasheet HTML 8Page - Texas Instruments ADS1278SHFQ Datasheet HTML 9Page - Texas Instruments ADS1278SHFQ Datasheet HTML 10Page - Texas Instruments ADS1278SHFQ Datasheet HTML 11Page - Texas Instruments ADS1278SHFQ Datasheet HTML 12Page - Texas Instruments ADS1278SHFQ Datasheet HTML 13Page - Texas Instruments ADS1278SHFQ Datasheet HTML 14Page - Texas Instruments ADS1278SHFQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
ADS1278-HT
www.ti.com
SBAS447C – MARCH 2009 – REVISED AUGUST 2012
PIN DESCRIPTIONS (continued)
PIN NAME
FUNCTION
DESCRIPTION
AINN1
Analog input
AINN2
Analog input
AINN3
Analog input
AINN4
Analog input
AINN[8:1] Negative analog input, channels 8 through 1.
AINN5
Analog input
AINN6
Analog input
AINN7
Analog input
AINN8
Analog input
AVDD
Analog power supply
Analog power supply (4.75V to 5.25V).
VCOM
Analog output
AVDD/2 Unbuffered voltage output.
VREFN
Analog input
Negative reference input.
VREFP
Analog input
Positive reference input.
CLK
Digital input
Master clock input.
CLK input divider control:
1 = 32.768MHz (High-Speed mode only) / 27MHz
CLKDIV
Digital input
0 = 13.5MHz (low-power) / 5.4MHz (low-speed)
DGND
Digital ground
Digital ground power supply.
DIN
Digital input
Daisy-chain data input.
DOUT1
Digital output
DOUT1 is TDM data output (TDM mode).
DOUT2
Digital output
DOUT3
Digital output
DOUT4
Digital output
DOUT5
Digital output
DOUT[8:1] Data output for channels 8 through 1.
DOUT6
Digital output
DOUT7
Digital output
DOUT8
Digital output
DRDY/
Digital input/output
Frame-Sync protocol: frame clock input; SPI protocol: data ready output.
FSYNC
DVDD
Digital power supply
Digital core power supply (+1.65V to +1.95V).
FORMAT0
Digital input
FORMAT[2:0] Selects Frame-Sync/SPI protocol, TDM/discrete data outputs, fixed/dynamic
FORMAT1
Digital input
position TDM data, and modulator mode/normal operating mode.
FORMAT2
Digital input
IOVDD
Digital power supply
I/O power supply (+1.65V to +3.6V).
MODE0
Digital input
MODE[1:0] Selects High-Speed, High-Resolution, Low-Power, or Low-Speed mode operation.
MODE1
Digital input
PWDN1
Digital input
PWDN2
Digital input
PWDN3
Digital input
PWDN4
Digital input
PWDN[8:1] Power-down control for channels 8 through 1.
PWDN5
Digital input
PWDN6
Digital input
PWDN7
Digital input
PWDN8
Digital input
SCLK
Digital input/output
Serial clock input, Modulator clock output.
SYNC
Digital input
Synchronize input (all channels).
TEST0
Digital input
TEST[1:0] Test mode select:
01 = Do not use
00 = Normal operation
10 = Do not use
11 = Test mode
TEST1
Digital input
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1278-HT


Similar Part No. - ADS1278SHFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278SHFQ TI1-ADS1278SHFQ Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278SHFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com