Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1282HPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282HPW
Description  HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282HPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1282HPW Datasheet HTML 7Page - Texas Instruments ADS1282HPW Datasheet HTML 8Page - Texas Instruments ADS1282HPW Datasheet HTML 9Page - Texas Instruments ADS1282HPW Datasheet HTML 10Page - Texas Instruments ADS1282HPW Datasheet HTML 11Page - Texas Instruments ADS1282HPW Datasheet HTML 12Page - Texas Instruments ADS1282HPW Datasheet HTML 13Page - Texas Instruments ADS1282HPW Datasheet HTML 14Page - Texas Instruments ADS1282HPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
ADS1282-HT
www.ti.com
SBAS446F
– DECEMBER 2009 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS (PW PACKAGE) (continued)
Limit specifications at
–55°C to 175°C. Typical specifications at 25°C, AVDD = 2.5 V, AVSS = –2.5 V, fCLK
(1) = 4.096 MHz,
VREFP = 2.5 V, VREFN =
–2.5 V, DVDD = 3.3 V, CAPN – CAPP = 10 nF, PGA = 1, High-Resolution Mode, and fDATA = 1000
SPS, unless otherwise noted.
TA = –55°C to 125°C
TA = 175°C
(2)
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
High-resolution mode
–1.5
–1.0
–0.5
–1.5
–1
–0.5
%
Gain error(9)
Low-power mode
–1
–0.5
0
–1
–0.5
0
%
Gain error after calibration(8)
0.0002
0.0002
%
PGA = 1
2
2
ppm/
°C
Gain drift
PGA = 16
9
11
ppm/
°C
Gain matching(10)
0.3
0.8
0.4
0.8
%
Common-mode rejection
fCM = 60Hz
(11)
82
110
82
114
dB
AVDD,
80
90
84
AVSS
Power-supply rejection
fPS = 60Hz
(11)
dB
DVDD
90
115
106
VOLTAGE REFERENCE INPUTS
(AVDD
(AVDD
(VREF = VREFP –
Reference input voltage
0.5
5
AVSS) +
0.5
AVSS) +
V
VREFN)
0.2
0.2
AVSS
VREFP
AVSS
VREFP
V
Negative reference input
VREFN
0.1
0.5
0.1
0.5
VREFN +
AVDD + 0.1
VREFN +
V
Positive reference input
VREFP
AVDD + 0.1
0.5
0.5
High-resolution mode
85
85
k
Reference input impedance
Low-power mode
170
170
k
DIGITAL FILTER RESPONSE
Passband ripple
±0.003
±0.003
dB
0.375
× fDATA
0.375
×
Hz
Passband (
–0.01 dB)
fDATA
0.413
× fDATA
0.413
×
Hz
Bandwidth (
–3 dB)
fDATA
High-pass filter corner
0.1
10
0.1
10
Hz
Stop band attenuation(12)
135
135
dB
0.500
× fDATA
0.500
×
Hz
Stop band
fDATA
Minimum phase filter(13)
5/fDATA
5/fDATA
Group delay
s
Linear phase filter
31/fDATA
31/fDATA
Minimum phase filter
62/fDATA
62/fDATA
Settling time (latency)
s
Linear phase filter
62/fDATA
62/fDATA
DIGITAL INPUT/OUTPUT
0.8
×
DVDD
0.8 X
V
VIH
DVDD
DVDD
DVDD
VIL
DGND
0.2
× DVDD
DGND
0.2
× DVDD
V
IOH = 1mA
0.8
×
0.8 X
V
VOH
DVDD
DVDD
VOL
IOL = 1mA
0.2
× DVDD
0.2
× DVDD
V
Input leakage
0
< VDIGITAL IN < DVDD
±10
±10
μA
Clock input
fCLK
1
4.096
1
4.096
MHz
Serial clock rate
fSCLK
fCLK/2
fCLK/2
MHz
(9)
The PGA output impedance and the modulator input impedance results in
–1% systematic gain error (high-resolution mode) and –0.5%
error (low-power mode).
(10) Gain match relative to PGA = 1.
(11) fCM is the input common-mode frequency. fPS is the power-supply frequency.
(12) Input frequencies in the range of NfCLK/512 ± fDATA/2 (N = 1, 2, 3...) can mix with the modulator chopping clock. In these frequency
ranges intermodulation = 120 dB, typ.
(13) At dc. See Figure 49.
Copyright
© 2009–2011, Texas Instruments Incorporated
11


Similar Part No. - ADS1282HPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
More results

Similar Description - ADS1282HPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com