Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5204IPFBRG4Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5204IPFBRG4Q1
Description  DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5204IPFBRG4Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5204IPFBRG4Q1 Datasheet HTML 6Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 7Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 8Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 9Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 10Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 11Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 12Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 13Page - Texas Instruments ADS5204IPFBRG4Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADS5204Q1
SGLS271A − OCTOBER 2004 − REVISED JUNE 2008
www.ti.com
10
SCLK
CS
SDI
1
23
4
15
16
D15
D14
D13
D12
D01
D00
D00
t
SU(CS_CK)
t
SU(D)
t
H(D)
t
SU(C16_CS)
t
WH
t
WL
t
WH(CS)
Figure 5. Serial Data Write
Table 1. Register Configuration
PGA4
B
15
TWOS
14
13
12
11
10
987
6543
210
PGA0
A
PGA1
A
PGA2
A
PGA3
A
PGA4
A
PGA1
B
PGA2
B
PGA3
B
0
0
Always write 0
SELB
MODE
PGA0
B
Reserved
Default (power up) condition for this register is all bits = 0.
The user register is updated on either the first rising edge
of SCLK after the 16th falling edge or CS rising, whichever
comes first. Raising CS before 16 falling SCLK edges
have been seen is an incomplete write error and no
register update occurs. The PGA gain settings are
resynchronized to the internal data conversion clock to
avoid data glitches caused by changing gain settings
while sampling the inputs.
PGA gain control data is applied to the PGAs on the
second falling edge of the ADC sample clock
(CLK40INT) after a successful register write. This
resynchronization ensures that no analog glitch occurs
even when SCLK is asynchronous to CLK.
Note that only the PGA data is resynchronized. The
TWOS, MODE, and SELB register bits take effect
immediately after a successful register write.
OUTPUT DATA FORMAT
The output data format can either be in Binary Two’s
Complement ouput mode or in unsigned binary mode,
which affects both A and B channels.
TWOS − Binary Two’s Complement Mode:
0 − Unsigned Binary
1 − Binary Two’s Complement Output.


Similar Part No. - ADS5204IPFBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5204IPFBR TI-ADS5204IPFBR Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
More results

Similar Description - ADS5204IPFBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
   DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com