Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC595 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # HC595
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC595 Datasheet(HTML) 2 Page - System Logic Semiconductor

  HC595 Datasheet HTML 1Page - System Logic Semiconductor HC595 Datasheet HTML 2Page - System Logic Semiconductor HC595 Datasheet HTML 3Page - System Logic Semiconductor HC595 Datasheet HTML 4Page - System Logic Semiconductor HC595 Datasheet HTML 5Page - System Logic Semiconductor HC595 Datasheet HTML 6Page - System Logic Semiconductor HC595 Datasheet HTML 7Page - System Logic Semiconductor HC595 Datasheet HTML 8Page - System Logic Semiconductor HC595 Datasheet HTML 9Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SL74HC595
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±35
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
VCC =2.0 V
VCC =4.5 V
VCC =6.0 V
0
0
0
1000
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC595M TI-HC595M Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
STMicroelectronics
HC595Y STMICROELECTRONICS-HC595Y Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
More results

Similar Description - HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
ON Semiconductor
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
   8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com