Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7828-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7828-Q1
Description  12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7828-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7828-Q1 Datasheet HTML 1Page - Texas Instruments ADS7828-Q1 Datasheet HTML 2Page - Texas Instruments ADS7828-Q1 Datasheet HTML 3Page - Texas Instruments ADS7828-Q1 Datasheet HTML 4Page - Texas Instruments ADS7828-Q1 Datasheet HTML 5Page - Texas Instruments ADS7828-Q1 Datasheet HTML 6Page - Texas Instruments ADS7828-Q1 Datasheet HTML 7Page - Texas Instruments ADS7828-Q1 Datasheet HTML 8Page - Texas Instruments ADS7828-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADS7828-Q1
www.ti.com.......................................................................................................................................... SBAS456A – DECEMBER 2008 – REVISED OCTOBER 2009
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VDD
Supply voltage
–0.3 V to 6 V
VIN
Digital input voltage
–0.3 V to (+VDD + 0.3 V)
θJA
Thermal impedance, junction to free air(3) (4)
108.4°C/W
TA
Operating free-air temperature
–40°C to 85°C
TJ
Operating virtual-junction temperature
150°C
Tstg
Storage temperature
–65°C to 150°C
Vapor phase (60 seconds)
215°C
Tlead
Lead temperature during soldering
Infrared (15 seconds)
220°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
TEST CONDITIONS
RATING
Human-Body Model (HBM)
2000 V
ESD
Electrostatic discharge rating
Machine Model (MM)
200 V
Charged-Device Model (CDM)
1000 V
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
2.7-V nominal
2.7
3.6
+VDD
Supply voltage
V
5-V nominal
4.75
5
5.25
Positive input
–0.2
+VDD + 0.2
V
Negative input
–0.2
0.2
VIN
Analog input voltage
Full-scale differential
0
VREF
V
(Positive input – Negative input)
VIN(RE
Voltage reference input voltage
0.05
+VDD
V
F)
VIH
High-level digital input voltage
0.7 × +VDD
+VDD + 0.5
V
VIL
Low-level digital input voltage
–0.3
0.3 × +VDD
V
TA
Operating free-air temperature
–40
85
°C
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7828-Q1


Similar Part No. - ADS7828-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7828-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com